Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = +3V, VREF = +2.5V (MAX1153); VDD = +5V, VREF = +4.096V (MAX1154); fSCLK = 10MHz, CREF = 0.1µF, TA = +25°C, unless
otherwise noted.)
SUPPLY CURRENT
vs. SAMPLE RATE
SAMPLE RATE (kHz)
10
1
0.1
0.01
0.01
0.1
1
10
0.001
0.001
100
INTERNAL REFERENCE
(MODE 01) MAX1154
9 TEMPERATURE
CHANNELS AND 1
VOLTAGE CHANNEL
(VDD/2)
9 VOLTAGE
CHANNELS AND
1 TEMPERATURE
CHANNEL
1 VOLTAGE CHANNEL
(VDD/2)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.1
3.5
3.9
4.3
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
1.0
2.7
5.5
EXTERNAL REFERENCE (MODE 00)
9 VOLTAGE CHANNELS AND
1 TEMPERATURE CHANNEL
1 VOLTAGE CHANNEL
(VDD/2)
9 TEMPERATURE CHANNELS
AND 1 VOLTAGE CHANNEL (VDD/2)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.1
3.5
3.9
4.3
1.9
2.3
2.7
3.1
3.5
3.9
4.3
1.5
2.7
5.5
INTERNAL REFERENCE (MODE 01)
9 TEMPERATURE CHANNELS
AND 1 VOLTAGE CHANNEL (VDD/2)
9 VOLTAGE
CHANNELS AND
1 TEMPERATURE
CHANNEL
1 VOLTAGE
CHANNEL (VDD/2)
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
35
50
-10
5
20
-25
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
1.6
-40
9 TEMPERATURE CHANNELS AND
1 VOLTAGE CHANNEL (VDD/2)
9 VOLTAGE CHANNELS AND
1 TEMPERATURE CHANNEL
1 VOLTAGE CHANNEL (VDD/2)
INTERNAL REFERENCE (MODE 01) MAX1153
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
35
50
-10
5
20
-25
2.5
3.0
4.0
3.5
4.5
5.0
2.0
-40
9 TEMPERATURE CHANNELS AND
1 VOLTAGE CHANNEL (VDD/2)
9 VOLTAGE CHANNELS AND
1 TEMPERATURE CHANNEL
1 VOLTAGE CHANNEL (VDD/2)
INTERNAL REFERENCE (MODE 01) MAX1154
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
200
300
400
500
600
700
100
2.7
5.5
MAX1153
MAX1154
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
-10
-25
100
200
300
400
500
600
700
0
-40
80
MAX1154
VDD = 5V
MAX1153
VDD = 3V
GAIN AND OFFSET ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
-0.80
-0.60
-0.40
-0.20
0
0.20
0.40
0.60
0.80
1.00
-1.00
2.7
5.5
SINGLE ENDED
MAX1153
MAX1154
OFFSET ERROR
GAIN ERROR
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
-0.05
0
0.05
0.10
0.15
0.20
0.25
-0.10
-40
UNIPOLAR
DIFFERENTIAL
CONFIGURATION
EXTERNAL
REFERENCE MODE
BIPOLAR DIFFERENTIAL
CONFIGURATION
EXTERNAL REFERENCE
MODE
UNIPOLAR SINGLE-ENDED
CONFIGURATION
EXTERNAL REFERENCE MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com