Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 22Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 23Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 24Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 25Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 26Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 27Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 28Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 29Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 30Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
______________________________________________________________________________________
27
Transfer Function
Figure 10 shows the nominal transfer function for sin-
gle-ended or differential unipolar configured inputs,
Figure 11 illustrates the transfer function for differential
bipolar conversions, and Figure 12 shows temperature
conversions. Code transitions occur halfway between
successive-integer LSB values. Output coding is bina-
ry, with 1 LSB = 2.44mV (MAX1153) or 4mV (MAX1154)
for unipolar and bipolar operation, and 1 LSB = +0.5
°C
(MAX1153/MAX1154) for temperature measurements.
For unipolar operation, the 0 code level transition is at
[1/2(VREF / 1024)].
The FFF hex level transition is at [1022.5(VREF / 1024)].
1 LSB = VREF / 1024.
Layout, Grounding, and Bypassing
For best performance, use PC boards. Do not use wire-
wrap boards. Board layout should ensure that digital
and analog signal lines are separated from each other.
Do not run analog and digital (especially clock) signals
parallel to one another or run digital lines underneath
the MAX1153/MAX1154 package. High-frequency
noise in the VDD power supply can affect the
MAX1153/MAX1154 performance. Bypass the VDD sup-
ply with a 0.1µF capacitor from VDD to GND close to
the VDD pin. Minimize capacitor lead lengths for best
supply-noise rejection. If the power supply is very
noisy, connect a 10
Ω resistor in series with the supply
to improve power-supply filtering.
Definitions
Integral Nonlinearity
Integral nonlinearity is the deviation of the values on the
actual transfer function from a straight line. This straight
line can be either a best-straight-line fit or a line drawn
between the end points of the transfer function, once off-
set and gain errors have been corrected. The static lineari-
ty parameters for the MAX1153/MAX1154 are measured
using the end-point-fit method. INL is specified as the
maximum deviation in LSBs.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between an
actual step width and the ideal value of 1 LSB. A DNL
error specification of less than 1 LSB guarantees no
missing codes and a monotonic transfer function.
Offset Error
The offset error is the difference between the ideal and
the actual analog input value at the first transition of the
ADC, usually from digital code 0 to code 1 for straight
binary output. For the MAX1153/MAX1154, the transi-
tion between code 0 and code 1 should occur at an
input voltage of 1/2 LSB, or 1.22mV for the MAX1153
and 2mV for the MAX1154.
OUTPUT CODE
011....111
TEMPERATURE
°C
011....110
000....001
111....101
100....001
100....000
111....111
111....110
000....000
0
000....010
-256
°C
+255.5
°C
Figure 12. Temperature Transfer Function
OUTPUT CODE
011....111
INPUT VOLTAGE (LSB)
011....110
000....001
111....101
100....001
100....000
111....111
111....110
000....000
0
000....010
-FS
+FS - 1 LSB
FS =
ZS = 0
VREF
2
-FS =
-VREF
2
1 LSB =
VREF
1024
Figure 11. Bipolar Transfer Function, Full Scale (±FS) = ±VREF/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com