Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 15Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 16Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 17Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 18Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 19Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 20Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 21Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 22Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
___________________________________________________
19
Setup Register
The 8-bit setup register (Table 7) holds configuration
data common to all input channels. At power-up and
after a RESET command, this register defaults to
00000000b.
Setup Register: Sample Wait Bits (B7, B6, B5)
These 3 bits in the setup register (Table 8) set the wait
time between conversion scans. The following are
examples of how the MAX1153/MAX1154 begin a sam-
ple sequence (see the
Setup Register: Reference
Selection Bits (B1/B0) section).
Operating in reference mode 00 (external reference for
voltage conversions, internal reference for temperature
conversions):
1) Convert the first-enabled channel. If this channel is
a temperature measurement, power up the internal
reference (this takes 20µs for each enabled tem-
perature measurement in reference mode 00).
2) Sequence to the next-enabled channel until all
channels have been converted.
3) Wait the sample wait period.
4) Repeat the procedure.
Operating in reference mode 01 (internal reference for all
conversions, can be powered down between scans):
1) Power up the internal reference, if powered down
(this takes 40µs).
2) Convert the first-enabled channel, starting with the
internal temperature sensor, if enabled.
3) Sequence to the next-enabled channel until all
enabled channels have been converted.
4) Wait the sample wait time, and enter internal refer-
ence power-down mode if this period is greater
than 80µs.
5) Repeat the above steps.
Operating in reference mode 10 (internal reference for
all conversions, continuously powered up):
1) Convert the first-enabled channel.
2) Sequence to the next-enabled channel until all
enabled channels have been converted.
3) Wait the sample wait time.
4) Repeat the procedure.
Use the sample wait feature to reduce supply current
when measuring slow-changing analog signals. This
power savings occurs when reference mode 00 or 01 is
used in combination with wait times longer than 80µs.
With reference mode 10 or wait times of less than 80µs,
the internal reference system remains powered up, mini-
mizing any power savings. See the
Computing Data
Throughput section. Table 8 shows the B7, B6, B5 wait
time encoding.
Setup Register: Interrupt Control (B4, B3)
Bits B3 and B4 in the setup register configure INT and
how it responds to an alarm event (see the
Alarm
Register section). Table 9 shows the available INT
options.
Table 7. Setup Register Format
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
Sample wait bits
Interrupt
active
Interrupt
polarity
Scan
mode
Reference
source B1
Reference
source B2
Table 8. Wait Time Encoding
B7, B6, B5
WAIT TIME (ms)
000
0
001
0.080
010
0.395
011
1.310
100
4.970
101
19.600
110
78.200
111
312.000
Table 9. Interrupt Control
BIT FUNCTION
BIT
STATE
INT OPERATION
1
Driven high or low at all times
B4
Output
driver type
0
High-Z when inactive, driven (high
or low) when active
1Active high, inactive = low or high -Z
B3
Output
polarity
0Active low, inactive = high or high -Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com