Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 16Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 17Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 18Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 19Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 20Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 21Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 22Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 23Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
20
______________________________________________________________________________________
Setup Register: Scan Mode Bit (B2)
The scan mode bit selects between automatic scan-
ning and manual conversion mode.
When set (B2 = 1), the MAX1153/MAX1154 enter auto-
matic scanning mode and convert every enabled chan-
nel starting with the internal temperature sensor,
followed by the VDD monitor, then sequencing through
AIN0 to AIN7.
After converting all the enabled channels, the
MAX1153/MAX1154 enter a wait state set by the sam-
ple wait bits in the setup register. After completing the
sample wait time, the scan cycle repeats.
When B2 = 0, the MAX1153/MAX1154 are in manual
mode and convert only the selected channel after
receiving a Manually Triggered Conversion command
(see the
Manually Triggered Conversion (Command
Code 0000) section). Whether in automatic scanning
mode or manual mode, a Read Current Data Register
for Selected Channel command outputs the last-com-
pleted conversion result for the addressed channel at
DOUT.
Setup Register: Reference Selection Bits (B1, B0)
The MAX1153/MAX1154 can be used with an internal
or external reference. Select between internal and
external reference modes through bits B1 and B0 of the
setup register (see Table 10).
Alarm Register
The alarm register (Table 11) holds the current alarm sta-
tus for all of the monitored signals. This 24-bit register
can only be read and cleared. The alarm register has 2
bits for each external input channel, 2 for the onboard
temperature sensor, and 2 for the VDD monitor (see
Table 12). At power-up, these bits are logic low, indicat-
ing no alarms at any input. When any bit in the alarm reg-
ister is set, INT becomes active and remains active until
all alarm bits are cleared. After a fault counter exceeds
the set threshold, the alarm register bits for that particular
channel are updated to indicate an alarm.
To clear the interrupt, reset the active alarm bit with the
Clear Alarm Register command, Clear Channel Alarm
command, a RESET command, or by writing a new
configuration to the faulting channel. The alarm register
defaults to 000000 hex.
Table 11 illustrates how the alarm register stores the
information on which channel a fault has occurred. The
alarm code for each bit pair is shown in Table 12.
Channel Registers
Each channel (internal temperature sensor, VDD moni-
tor, and AIN0 to AIN7) has registers to hold the conver-
sion result (current data register) and channel-specific
configuration data. The channel-specific configuration
registers include: the upper threshold register, the
lower threshold register, and the channel configuration
register. In differential mode, only the registers for the
even channel of the differential input pair are used. The
channel-specific configuration registers for the odd
channel of a differential channel pair are ignored.
Table 10. Reference Selection
B1
B0
REFERENCE MODE
00
Voltage measurements use external reference,
while temperature measurements use the internal
reference. A 20µs reference startup delay is
added prior to each temperature measurement
in this mode. This is the default mode after
power-up and after a software RESET.
01
All measurements use the internal reference. A
40µs reference startup delay is added prior to
starting the scanning of enabled channels,
allowing the internal reference to stabilize.
Note: For sample wait times less than 80µs, the
reference is continuously powered when in
automatic scan mode.
10
All measurements use the internal reference. By
selecting this mode, the reference is powered up
immediately when CS goes high after writing this
configuration. Once the reference system is
powered up, no further delay is added.
1
1
Reserved.
Table 11. Alarm Register Format
B23/B22
B21/B20
B19/B18
B17/B16
B15/B14
B13/B12
B11/B10
B9/B8
B7/B6
B5/B4
B3/B2
B1/B0
TEMP
VDD
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
Res
Res
Table 12. Alarm Register Coding
(2 Bits/Channel)
CODE
DESCRIPTION
00
No alarm (power-up state)
01
Input is below lower threshold
10
Input is above upper threshold
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com