Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 11Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 12Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
AIN0
Analog Voltage Input/Temperature Input Channel 0 or Positive Differential Input Relative to AIN1
2
AIN1
Analog Voltage Input/Temperature Input Channel 1 or Negative Differential Input Relative to AIN0
3
AIN2
Analog Voltage Input/Temperature Input Channel 2 or Positive Differential Input Relative to AIN3
4
AIN3
Analog Voltage Input/Temperature Input Channel 3 or Negative Differential Input Relative to AIN2
5
AIN4
Analog Voltage Input/Temperature Input Channel 4 or Positive Differential Input Relative to AIN5
6
AIN5
Analog Voltage Input/Temperature Input Channel 5 or Negative Differential Input Relative to AIN4
7
AIN6
Analog Voltage Input/Temperature Input Channel 6 or Positive Differential Input Relative to AIN7
8
AIN7
Analog Voltage Input/Temperature Input Channel 7 or Negative Differential Input Relative to AIN6
9
REF
Positive Reference Input in External Mode. Bypass REF with a 0.1μF capacitor to GND when in external mode.
When using the internal reference, REF must be left open.
10
INT
Interrupt Output. Push-pull or open drain with selectable polarity. See Table 9 and the INT Interrupt Output section.
11
DOUT
Serial Data Output. DOUT transitions on the falling edge of SCLK. High impedance when
CS is at logic high.
12
GND
Ground
13
VDD
Positive Power Supply. Bypass VDD with a 0.1μF capacitor to GND.
14
DIN
Serial Data Input. DIN data is latched into the serial interface on the rising edge of the SCLK.
15
SCLK
Serial Clock Input. SCLK clocks data in and out of the serial interface (duty cycle must be 40% to 60%).
16
CS
Active-Low Chip-Select Input. When
CS is low, the serial interface is enabled. When CS is high, DOUT is high
impedance, and the serial interface resets.
ACCUMULATOR
INTERNAL TEMP
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
VDD/2
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN0
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN1
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN2
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN3
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN4
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN5
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN6
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
ACCUMULATOR
AIN7
UPPER
THRESHOLD
LOWER
THRESHOLD
CHANNEL
CONFIGURATION
AIN7
AIN6
AIN5
AIN4
AIN3
AIN2
AIN1
VDD
MUX
TEMP
SENSOR
REFERENCE
12-BIT
ADC WITH
T/H
SCAN
AND
CONVERSION
CONTROL
POR
POWER
GOOD
INPUT CHANNEL REGISTER
INPUT CONFIGURATION REGISTER
STEP-UP REGISTER
ALARM REGISTER
AVERAGING
DIGITAL
COMPARATOR
SERIAL
INTERFACE
REF
DOUT
DIN
SCLK
INT
CS
MAX1153
MAX1154
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com