Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 19Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 20Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 21Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 22Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 23Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 24Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 25Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 26Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
______________________________________________________________________________________
23
execute a manual conversion. See Figure 9 for manual
conversion timing:
1) Disable autoscan (set up register scan mode bit to
zero), if necessary.
2) Pull CS low.
3) Initiate a conversion by issuing a Manually
Triggered Conversion command (0000, followed by
the address bits of the channel to be converted).
4) Pull CS high to start the conversion.
5) Maintain a logic high on CS to allow for reference
power-up (if the reference mode requires it) and
conversion time.
6) Pull CS low.
7) Issue a Read Current Data Register for Selected-
Channel command (0010, followed by the same
address of the channel in the Manually Triggered
Conversion command).
Voltage Measurements
Every voltage measurement (internal VDD or external
input channel) requires 10.6µs to complete. If the inter-
nal reference needs to power up (reference mode =
01), an additional 40µs is required every time the
MAX1153/MAX1154 come out of automatic shutdown
mode after a sample wait period greater than 80µs.
Monitoring VDD
This internal acquisition channel samples and converts
the supply voltage, VDD.
VDD value can be calculated from the digitized data
with the following equation:
The reference voltage must be larger than 1/2VDD for
the operation to work properly. VDD monitoring requires
10.6µs (typ) per measurement.
Temperature Measurement
The MAX1153/MAX1154 perform temperature measure-
ment by measuring the voltage across a diode-con-
nected transistor at two different current levels. The
following equation illustrates the algorithm used for
temperature calculations:
temperature
V
V
x
HIGH
LOW
=−
⎡
⎣⎢
⎤
⎦⎥
()
q
k
nx ln
I
I
High
LOW
V
x current data register content x
V
DD
REF
=
⎛
⎝⎜
⎞
⎠⎟
2
1024
(_
_
_
)
C3
C2
C1 C0
A2
A1
A0
SCLK
DIN
DOUT
C3
C2
C1 C0
A2
A1
A0
A3
A3
CS
tPU+CONV
Figure 9. Manual Conversion Timing Without Reading Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com