Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 11Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
8
_______________________________________________________________________________________
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-0.25
-40
UNIPOLAR
DIFFERENTIAL
CONFIGURATION
EXTERNAL
REFERENCE MODE
BIPOLAR DIFFERENTIAL
CONFIGURATION
EXTERNAL REFERENCE
MODE
UNIPOLAR SINGLE-ENDED
CONFIGURATION
EXTERNAL REFERENCE
MODE
INTERNAL TEMPERATURE SENSOR
TEMPERATURE ERROR
TEMPERATURE (
°C)
60
40
20
0
-20
-0.80
-0.60
-0.40
-0.20
0
0.20
0.40
0.60
0.80
1.00
-1.00
-40
80
MAX1153/MAX1154
GRADE B INTERNAL
SENSOR
GRADE A INTERNAL
SENSOR
EXTERNAL TEMPERATURE SENSOR
TEMPERATURE ERROR
TEMPERATURE (
°C)
60
40
20
0
-20
-1.60
-1.20
-0.80
-0.40
0
0.40
0.80
1.20
1.60
2.00
-2.00
-40
80
MAX1153/MAX1154
EXTERNAL SENSOR,
DIFFERENTIAL INPUT
EXTERNAL SENSOR,
SINGLE-ENDED INPUT
TEMPERATURE ERROR vs. INTERCONNECT
CAPACITANCE (EXTERNAL SENSOR)
INTERCONNECT CAPACITANCE (pF)
-5
-4
-3
-2
-1
0
1
-6
100
1000
SAMPLING ERROR
vs. INPUT SOURCE IMPEDANCE
SOURCE IMPEDANCE (
Ω)
1000
100
-4
-3
-2
-1
0
1
-5
10
10,000
TURN ON THERMAL TRANSIENT,
CONTINUOUS CONVERSION
VDD = 3.0V
TIME (s)
25
20
15
10
5
0
0.125
0.250
0.375
0.500
0.625
-0.125
030
IN A TSSOP SOCKET
SOLDER ON A 2in X 2in PWB
IN AN OIL BATH
EXTERNAL BJT
Typical Operating Characteristics (continued)
(VDD = +3V, VREF = +2.5V (MAX1153); VDD = +5V, VREF = +4.096V (MAX1154); fSCLK = 10MHz, CREF = 0.1µF, TA = +25°C, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com