Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +3V, VREF = +2.5V (MAX1153); VDD = +5V, VREF = +4.096V (MAX1154); fSCLK = 10MHz, CREF = 0.1µF, TA = +25°C, unless
otherwise noted.)
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
OUTPUT CODE
768
512
256
-0.40
-0.30
-0.20
-0.10
0
0.10
0.20
0.30
0.40
0.50
-0.50
0
1024
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
OUTPUT CODE
768
512
256
-0.40
-0.30
-0.20
-0.10
0
0.10
0.20
0.30
0.40
0.50
-0.50
0
1024
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.2 3.3
2.9 3.0 3.1
2.8
2.501
2.502
2.503
2.504
2.505
2.506
2.507
2.508
2.509
2.510
2.500
2.7
3.6
MAX1153
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.4
5.3
5.1 5.2
4.7 4.8 4.9 5.0
4.6
4.077
4.079
4.081
4.083
4.085
4.075
4.5
5.5
MAX1154
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
2.495
-40
80
GRADE A
GRADE B
MAX1153
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
4.0725
4.0750
4.0775
4.0800
4.0825
4.0850
4.0875
4.0900
4.0700
-40
80
GRADE A
MAX1154
GRADE B
SUPPLY CURRENT
vs. SAMPLE RATE
SAMPLE RATE (kHz)
10
1
0.1
0.01
0.01
0.1
1
10
0.001
0.001
100
INTERNAL REFERENCE
(MODE 01) MAX1153
9 TEMPERATURE
CHANNELS AND 1
VOLTAGE CHANNEL
(VDD/2)
9 VOLTAGE
CHANNELS AND
1 TEMPERATURE
CHANNEL
1 VOLTAGE CHANNEL
(VDD/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com