Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 11Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 12Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 13Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 14Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
______________________________________________________________________________________
11
During the acquisition interval, IN+ and IN- charge both
a positive (CHOLDP) and a negative (CHOLDN) sam-
pling capacitor. After completing the acquisition inter-
val, the T/H switches open, storing an accurate sample
of the differential voltage between IN+ and IN-. This
charge is then transferred to the ADC and converted.
Finally, the conversion result is transferred to the cur-
rent data register.
Temperature conversions require 46µs (typ) and mea-
sure the difference between two sequential voltage
measurements (see the
Temperature Measurement
section for a detailed description).
Fully Differential Track/Hold (T/H)
The T/H acquisition interval begins with the rising edge
of CS (for manually triggered conversions) and is inter-
nally timed to 1.5µs (typ). The accuracy of the input sig-
nal sample is a function of the input signal’s source
impedance and the T/H’s capacitance. In order to
achieve adequate settling of the T/H, limit the signal
source impedance to a maximum of 1k
Ω.
Input Bandwidth
The ADC’s input tracking circuitry has a 1MHz small-
signal bandwidth. To avoid high-frequency signals
aliasing into the frequency band of interest, anti-alias
prefiltering of the input signals is recommended.
Analog Input Protection
Internal protection diodes, which clamp the analog
inputs to VDD and GND, allow the channel input pins to
swing from (VGND - 0.3V) to (VDD + 0.3V) without dam-
age. However, for accurate conversions near full scale,
the inputs must not exceed VDD by more than 50mV or
be lower than VGND by 50mV. If the analog input range
must exceed 50mV beyond the supplies, limit the input
current.
Single Ended/Differential
The MAX1153/MAX1154 use a fully differential ADC for
all conversions. Through the input configuration regis-
ter, the analog inputs can be configured for either dif-
ferential or single-ended conversions. When sampling
signal sources close to the MAX1153/MAX1154, single-
ended conversion is generally sufficient. Single-ended
conversions use only one analog input per signal
source, internally referenced to GND.
MUX
AIN 0
VDD
AIN 1
AIN 2
AIN 3
AIN 4
AIN 5
AIN 6
AIN 7
TEMP
SENSE
12-BIT
ADC WITH T/H
DIGITAL
COMPARATOR
INPUT REGISTERS 0–10
CURRENT DATA
UPPER THRESHOLD
LOWER THRESHOLD
# FAULT CYCLES
AVERAGE
CONFIGURATION/
STATUS
REGISTERS
SCAN AND
CONVERSION
CONTROL
SERIAL
INTERFACE
DIN
INT
DOUT
SCLK
CS
Figure 3. Simplified Alarm Block Diagram of the MAX1153/MAX1154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com