Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1153_10 Datasheet HTML 13Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 14Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 15Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 16Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 17Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 18Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 19Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 20Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
______________________________________________________________________________________
17
Read Global Configuration Register
(Command Code 0101)
The Read Global Configuration Register command,
0101, outputs the global configuration registers. The
address bits following this command are ignored. When
the MAX1153/MAX1154 receive a Read Global
Configuration Register command, they output 5 bytes
of data: 2 bytes from the channel enable register, 2
bytes from the input configuration register, and 1 byte
from the setup register, all MSB first. See the
Global
Configuration Registers section for more details.
RESET (Command Code 0111)
The RESET command, 0111, resets the device. This
command returns the MAX1153/MAX1154 to their
power-on reset state, placing the device into shutdown
mode. The address bits in the command are ignored.
See the
Power-Up/Reset Defaults Summary section for
more details.
Clear Channel Alarm for Selected Channel
(Command Code 1000)
The Clear Channel Alarm command, 1000, clears the
alarm bits in the alarm register and resets the fault
counter for the addressed channel. See the
Alarm
Register section for more details. See Table 3 for chan-
nel addresses.
Clear Alarm Register for All Channels
(Command Code 1001)
The Clear Alarm Register for All Channels command,
1001, clears the entire alarm register and resets the
fault counters for the internal TEMP sensor, the VDD
monitor, and the AIN0–AIN7 channels. The address bits
in the command are ignored. See the
Alarm Register
section for more details.
Write Current Data Register for Selected
Channel (Command Code 1010)
The Write Current Data Register for Selected Channel
command, 1010, writes to the addressed channel’s cur-
rent data register. This command sets an initial condi-
tion when using the averaging filter option (see the
Averaging section). This command can also be used
for testing the thresholds, fault counters, and alarm
functions (see Figure 8). See Table 3 for channel
addresses.
Write Current Data Register for All
Channels (Command Code 1011)
The Write Current Data Register for All Channels com-
mand, 1011, writes to the current data registers of all
channels sequentially, starting with the internal temper-
ature sensor, then the VDD monitor, followed by chan-
nels AIN0 to AIN7. The address bits are ignored. Use
this command for testing and setting initial conditions
when using the averaging filter option (see the
Averaging section).
C3
C2
C1 C0
A2
A1
A0
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
DIN
DOUT
A3
CS
Figure 8. Serial Register Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com