Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1153_10 Datasheet HTML 1Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX1153/MAX1154 are stand-alone, 10-channel (8
external, 2 internal) 10-bit system monitor ADCs with
internal reference. A programmable single-ended/dif-
ferential mux accepts voltage and remote-diode tem-
perature-sensor inputs. These devices independently
monitor the input channels without microprocessor
interaction and generate an interrupt when any variable
exceeds user-defined limits. The MAX1153/MAX1154
configure both high and low limits, as well as the num-
ber of fault cycles allowed, before generating an inter-
rupt. These ADCs can also perform recursive data
averaging for noise reduction. Programmable wait inter-
vals between conversion sequences allow the selection
of the sample rate.
At the maximum sampling rate of 94ksps (auto mode,
single channel enabled), the MAX1153 consumes only
5mW (1.7mA at 3V). AutoShutdownTM reduces supply
current to 190µA at 2ksps and to less than 8µA at 50sps.
Stand-alone operation, combined with ease of use in a
small package (16-pin TSSOP), makes the MAX1153/
MAX1154 ideal for multichannel system-monitoring
applications. Low power consumption also makes
these devices a good fit for hand-held and battery-pow-
ered applications.
Applications
System Supervision
Remote Telecom Networks
Server Farms
Remote Data Loggers
Features
♦ Monitor 10 Signals Without Processor
Intervention
♦ Eight External Channels Programmable as
Temperature or Voltage Monitors
♦ Intelligent Circuitry for Reliable Autonomous
Measurement
Programmable Digital Averaging Filter
Programmable Fault Counter
♦ Precision Measurements
10-Bit Resolution
±0.5 LSB INL, ±0.5 LSB DNL
±0.75°C Temperature Accuracy (typ)
♦ Flexible
Automatic Channel Scan Sequencer with
Programmable Intervals
Programmable Inputs: Single Ended/Differential,
Voltage/Temperature
Programmable Wait State
♦ Internal 2.5V/4.096V Reference
(MAX1153/MAX1154)
♦ Remote Temperature Sensing Up to 10m
(Differential Mode)
♦ Single 3V or 5V Supply Operation
♦ Small 16-Pin TSSOP Package
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
________________________________________________________________
Maxim Integrated Products
1
Selector Guide
19-2839; Rev 1; 6/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuit appears at end of data sheet.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
PART
INL (LSB)
TEMP
ERROR (°C)
SUPPLY
VOLTAGE (V)
MAX1153BEUE+
±0.5
±3.0
2.7 to 3.6
MAX1154BEUE+
±0.5
±2.5
4.5 to 5.5
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AIN0
SCLK
CS
DIN
VDD
GND
DOUT
INT
REF
TOP VIEW
MAX1153
MAX1154
TSSOP
AIN1
AIN2
AIN5
AIN3
AIN4
AIN6
AIN7
+
Pin Configuration
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1153BEUE+
-40°C to +85°C
16 TSSOP
MAX1154BEUE+
-40°C to +85°C
16 TSSOP
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX1153_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1153-MAX1154 MAXIM-MAX1153-MAX1154 Datasheet
481Kb / 29P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1153AEUE MAXIM-MAX1153AEUE Datasheet
481Kb / 29P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1153BEUE MAXIM-MAX1153BEUE Datasheet
481Kb / 29P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
More results

Similar Description - MAX1153_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX6652 MAXIM-MAX6652 Datasheet
165Kb / 12P
Temperature Sensor and System Monitor in a 10-Pin UMAX
Rev 1; 8/01
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX6683 MAXIM-MAX6683 Datasheet
170Kb / 14P
Temperature Sensor and System Monitor in a 10-Pin 關MAX
Rev 1; 7/04
MAX1361 MAXIM-MAX1361_06 Datasheet
730Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com