Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1153 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1153
Description  Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1153 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1153_10 Datasheet HTML 1Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1153_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Stand-Alone, 10-Channel, 10-Bit System Monitors
with Internal Temperature Sensor and VDD Monitor
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Range
Differentially configured inputs
0
VDD
V
Common-Mode Rejection
Differentially configured inputs,
VCM = 0 to VDD
90
dB
Input Leakage Current
On-/off- leakage, VIN = 0 or VDD
±0.1
±1
μA
Input Capacitance
(Note 7)
18
pF
TEMPERATURE MEASUREMENTS
TA = -40°C to +85°C
±1.2
±3.0
MAX1153
TA = +25°C
±0.7
TA = -40°C to +85°C
±1.2
±2.5
Internal Sensor Measurement
Error (Note 8)
MAX1154
TA = +25°C
±0.7
°C
TA = -40°C to +85°C
±2
Differential
TA = +25°C
±1
TA = -40°C to +85°C
±5
External Sensor Measurement
Error (Note 9)
Single ended
TA = +25°C
±2
°C
Differentially configured inputs and
internal sensor
0.1
Temperature Measurement Noise
Single-ended configured, external sensor
0.5
°C
Temperature Resolution
0.5
°C/LSB
Low
4
External Sensor Bias Current
High
66
μA
Differentially configured inputs and
internal sensor
0.3
Power-Supply Rejection
PSR
Single-ended configured, external sensor
0.1
°C/V
INTERNAL REFERENCE
MAX1153
2.456
2.500
2.544
REF Output Voltage
VREF
MAX1154
2.456
4.096
4.168
V
REF Temperature Coefficient
TCREF
30
ppm/°C
REF Output Resistance
7
k
MAX1153
200
μVRMS
REF Output Noise
MAX1154
160
dB
MAX1153
-70
-50
V
REF Power-Supply Rejection
MAX1154
-70
-50
μA
EXTERNAL REFERENCE
REF Input Voltage Range
VREF
1.0
VDD + 0.05
V
VREF = +2.5V; fSAMPLE = 94ksps
15
40
REF Input Current
IREF
VREF = +2.5V; fSAMPLE = 0ksps
±1
μA
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1153), VDD = +4.5V to +5.5V (MAX1154), VREF = +2.5V (MAX1153), VREF = +4.096V (MAX1154), fSCLK
= 10MHz (50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com