Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 5 Page - Gennum Corporation

  GS7025 Datasheet HTML 1Page - Gennum Corporation GS7025 Datasheet HTML 2Page - Gennum Corporation GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
5 of 23
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage (VS)5.5V
Input Voltage Range (any input)
VCC + 0.5 to VEE - 0.5V
Operating Temperature Range
0°C ≤ TA ≤ 70°C
Storage Temperature Range
-65°C ≤ TS ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
Moisture Sensitivity Level
3
Table 2-1: DC Electrical Characteristics
VCC = 5.0V, TA = 0° – 70°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
Parameter
Condition
Min
Typical1
Max
Units
Note
s
Test
Level
Supply Voltage
4.75
5
5.25
V
3
Supply Current
CLK_EN = 0
-
115
-
mA
9
CLK_EN = 1
-
125
-
mA
3
SDI Common Mode
Voltage
-2.4
-
V
3
DDI/DDI Common Mode
Input Voltage Range
VEE+(VDIFF/2)
0.4 to 4.6
VCC-(VDIFF/2)
V
2
3
DDI/DDI Differential
Input Drive
200
800
2000
mV
3
SSI/CD Output Current
HIGH, Om
Ι
OH =
-10µA
-3
-
V
3
HIGH,
300m
Ι
OH =
-10µA
-2.1
-
V
3
OEM_TEST Bias Potential
50Ω
-4.75-
V
4
3
A/D Input Voltage
HIGH2.3
-
-
V
3
LOW
-
-
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com