Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 9Page - Gennum Corporation GS7025 Datasheet HTML 10Page - Gennum Corporation GS7025 Datasheet HTML 11Page - Gennum Corporation GS7025 Datasheet HTML 12Page - Gennum Corporation GS7025 Datasheet HTML 13Page - Gennum Corporation GS7025 Datasheet HTML 14Page - Gennum Corporation GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
13 of 23
NOTE: For maximum cable length performance the OEM_TEST block should be
disabled.
3.2 Reclocker
The reclocker receives a differential serial data stream from the internal multiplexer. It
locks an internal clock to the incoming data. It outputs the differential PECL retimed
data signal on SDO/SDO. It outputs the recovered clock on SCO/SCO. The timing
between the output and clock signals is shown in Figure 3-2.
Figure 3-2: Output and Clock Signal Timing
The reclocker contains three main functional blocks: the Phase Locked Loop, Frequency
Acquisition, and Logic Circuit.
3.2.1 Phase Locked Loop (PLL)
The Phase Locked Loop locks the internal PLL clock to the incoming data rate. A
simplified block diagram of the PLL is shown in Figure 3-3 below. The main components
are the VCO, the phase detector, the charge pump, and the loop filter.
Figure 3-3: Simplified Block Diagram of the PLL
SDO
SCO
50%
DDI/DDI
LF+
LFS
LF-
RVCO
VCO
RLF CLF1
CLF2
2
PHASE
DETECTOR
INTERNAL
PLL CLOCK
CHARGE
PUMP
LOOP
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com