Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 4 Page - Gennum Corporation

  GS7025 Datasheet HTML 1Page - Gennum Corporation GS7025 Datasheet HTML 2Page - Gennum Corporation GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
4 of 23
1.2 GS7025 Pin Descriptions
Table 1-1: GS7025 Pin Descriptions
Pin Number
Name
Type
Description
1, 2
DDI/DDI
I
Digital data inputs (Differential ECL/PECL).
3, 44
VCC_75
I
Power supply connection for internal 75Ω pullup resistors connected to DDI/DDI.
4, 8, 13, 22, 35
VCC
I
Most positive power supply connection.
5, 9, 14, 18, 27,
30, 33, 34, 37
VEE
I
Most negative power supply connection.
6, 7
SDI/SDI
I
Differential analog data inputs.
10
CD_ADJ
I
Carrier detect threshold adjust.
11, 12
AGC-,
AGC+
I
External AGC capacitor. Vcommon mode = 2.7V typ.
15, 16, 17
LF+, LFS,
LF-
I
Loop filter component connection.
19
RVCO_RTN
I
RVCO Return. Frequency setting resistor return connection.
20
RVCO
I
Frequency setting resistor connection.
21
CBG
I
Internal bandgap voltage filter capacitor.
23, 25, 26
nc
-
No connect - Do not connect to power or ground. Leave floating.
24
RSV1
I
Reserved pin 1. Always set HIGH.
28, 29
SCO/SCOO
Serial clock output. SCO/SCO are differential current mode outputs and require
external 75Ω pullup resistors.
31, 32
SDO/SDO
O
Equalized and reclocked serial digital data outputs. SDO/SDO are differential current
mode outputs and require external 75Ω pullup resistors.
36
CLK_EN
I
Clock enable. When HIGH, the serial clock outputs are enabled.
38
COSC
I
Timing control capacitor for internal system clock.
39
LOCK
O
Lock indication. When HIGH, the GS7025 is locked. LOCK is an open collector output
and requires an external 10kΩ pullup resistor.
40
SSI/CDO
Signal strength indicator/Carrier detect.
41
A/D
I
Analog/Digital select.
42
MOD
I
270 Mb/s modulus select - always set HIGH.
43
OEM_TEST
O
Output ‘Eye’ monitor test. Single-ended current mode output that requires an
external 50Ω pullup resistor. This feature is recommended for debugging purposes
only. If enabled during normal operation, the maximum operating temperature is
rated to 60°C. For maximum cable length performance the OEM_TEST must be
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com