Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 16 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 16 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 12Page - Gennum Corporation GS7025 Datasheet HTML 13Page - Gennum Corporation GS7025 Datasheet HTML 14Page - Gennum Corporation GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation GS7025 Datasheet HTML 18Page - Gennum Corporation GS7025 Datasheet HTML 19Page - Gennum Corporation GS7025 Datasheet HTML 20Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
16 of 23
3.2.4 Locking
The GS7025 indicates valid lock when the following three conditions are satisfied:
1. Input data is detected.
2. The incoming data signal and the PLL clock are phase locked.
3. The system is not locked to an integer-multiple harmonic of a 270Mb/s SMPTE
259M-C signal.
The GS7025 defines the presence of input data when at least one data transition occurs
every 1μs.
The GS7025 assumes that it is NOT locked to a harmonic if the pattern ‘101’ or ‘010’ (in
the reclocked data stream) occurs at least once every tsys/3 seconds. Using the
recommended component values, this corresponds to approximately 150μs. In a
harmonically locked system, all bit cells are double clocked and the above patterns
become ‘110011’ and ‘001100’, respectively.
3.2.4.1 Lock Time
Synchronous switching refers to the case where the input data is changed from one
source to another source which is at the same data rate (but different phase).
When input data to the GS7025 is removed, the GS7025 latches the current state.
Therefore, when data is reapplied, the GS7025 begins the lock procedure at the previous
locked data rate. As a result, in synchronous switching applications, the GS7025 locks
very quickly. The nominal lock time depends on the switching time and is summarized
in Table 3-2.
To acquire lock, the frequency acquisition circuit may have to sweep over an entire
cycle depending on initial conditions. Maximum lock time is 2Tcycle + 2tsys.
The nominal value of Tcycle for the GS7025 operating in a typical SMPTE 259M-C
application is approximately 1.3ms.
The GS7025 has a dedicated LOCK output (pin 39) indicating when the device is locked.
Note: In synchronous switching applications where the switching time is less than 0.5μs,
the LOCK output is not de-asserted and the data outputs are not muted.
3.2.4.2 DVB-ASI
Design Note: For DVB-ASI applications having significant instances of few bit
transitions or when only K28.5 idle bits are transmitted, the wide-band PLL in the
Table 3-2: Lock Time
Switching Time
Lock Time
<0.5µs
10µs
0.5µs - 10ms
2tsys
>10ms
2Tcycle + 2tsys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com