Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 20 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 20 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation GS7025 Datasheet HTML 18Page - Gennum Corporation GS7025 Datasheet HTML 19Page - Gennum Corporation GS7025 Datasheet HTML 20Page - Gennum Corporation GS7025 Datasheet HTML 21Page - Gennum Corporation GS7025 Datasheet HTML 22Page - Gennum Corporation GS7025 Datasheet HTML 23Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
20 of 23
4. Application Information
4.1 Typical Application Circuit
Figure 4-1: GS7025 Typical Application Circuit
SDO
SDO
VEE
SCO
SCO
VEE
nc
nc
270
nc
GS7025
TOP VIEW
DDI
DDI
VCC_75
VCC
VEE
SDI
SDI
VCC
VEE
CD_ADJ
AGC-
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
4 x 75 see Note 2
To
GS9020
1.8k 15n
0.1µ 0.1µ
3.3p
365
(1%)
10k
75
37.5
75
10n
10n
75
100k
Pot
(Optional)
100p
Power supply decoupling
capacitors are not shown.
VEE
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
All resistors in ohms,
all capacitors in microfarads,
unless otherwise stated.
NOTES
1. It is recommended that the DDI/DDI input are not driven when the SDI/SDI inputs are being used.
This minimizes crosstalk between the DDI/DDI and SDI/SDI inputs and maximizes performance.
2. These resistors are not needed if the internal pull-up resistors on the GS9020 are used.
3. It is recommended that for new designs VCO components should be returned to the R
VCO_RTN pin
for improved ground bounce immunity.
VCC
4n7
VCC
15nH
VCC
VCC
VCC
from GS9024
see Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com