Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation GS7025 Datasheet HTML 10Page - Gennum Corporation GS7025 Datasheet HTML 11Page - Gennum Corporation GS7025 Datasheet HTML 12Page - Gennum Corporation GS7025 Datasheet HTML 13Page - Gennum Corporation GS7025 Datasheet HTML 14Page - Gennum Corporation GS7025 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
11 of 23
3. Detailed Description
The GS7025 Serial Digital Receiver is a bipolar integrated circuit, containing a built-in
cable equalizer and reclocker.
Serial digital signals are applied to either the analog SDI/SDI or digital DDI/DDI inputs.
Signals applied to the SDI/SDI inputs are equalized and then passed to a multiplexer.
Signals applied to the DDI/DDI inputs bypass the equalizer, and go directly to the
multiplexer. The analog/digital select pin (A/D) determines which signal is then passed
to the reclocker.
Packaged in a 44 pin MQFP, the receiver operates from a single 5V supply at a data rate
of 270Mb/s. Typical power consumption is 600mW.
3.1 Cable Equalizer
The automatic cable equalizer is designed to equalize a serial digital data rate of
270Mb/s.
The serial data signal is connected to the input pins (SDI/SDI) either differentially or
single-endedly. The input signal passes through a variable gain equalizing stage, whose
frequency response closely matches the inverse cable loss characteristic. In addition,
the variation of the frequency response with control voltage imitates the variation of the
inverse cable loss characteristic with cable length. The gain stage provides up to 35dB of
gain at 135MHz which typically results in equalization of greater than 350m of Belden
8281 cable at 270Mb/s.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by an external
differential AGC filter capacitor (AGC+/AGC-) providing a steady control voltage for the
gain stage. As the frequency response of the gain stage is automatically varied by the
application of negative feedback, the edge energy of the equalized signal is kept at a
constant level which is representative of the original edge energy at the transmitter.
The equalized signal is DC-restored, effectively restoring the logic threshold of the
equalized signal to its corrective level irrespective of shifts due to AC-coupling.
3.1.1 Signal Strength Indication/Carrier Detect
The GS7025 incorporates an analog Signal Strength Indicator/Carrier Detect (SSI/CD)
output indicating both the presence of a carrier and the amount of equalization applied
to the signal. The voltage output of this pin versus cable length (signal strength) is shown
in Figure 2-2 and Figure 3-1. With 0m of cable (800mV input signal levels), the SSI/CD
output voltage is approximately 4.5V. As the cable length increases, the SSI/CD voltage
decreases linearly providing accurate correlation between the SSI/CD voltage and cable
length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com