Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 18 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 18 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 14Page - Gennum Corporation GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation GS7025 Datasheet HTML 18Page - Gennum Corporation GS7025 Datasheet HTML 19Page - Gennum Corporation GS7025 Datasheet HTML 20Page - Gennum Corporation GS7025 Datasheet HTML 21Page - Gennum Corporation GS7025 Datasheet HTML 22Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
18 of 23
Figure 3-6: High Speed Digital Inputs (DDI/DDI)
DDI/DDI are high-impedance inputs which accept differential or single-ended input
drive. Two conditions must be observed when interfacing to these inputs:
1. Input signal amplitudes are between 200 and 2000mV.
2. The common mode input voltage range is as specified in Table 2-1: DC Electrical
Characteristics.
Commonly used interface examples are shown in Figure 3-7, Figure 3-8 & Figure 3-9.
Figure 3-7 illustrates the simplest interface to the GS7025 digital inputs. In this example,
the driving device generates the PECL level signals (800mV amplitudes) having a
common mode input range between 0.4 and 4.6V. This scheme is recommended when
the trace lengths are less than 1in. The value of the resistors depends on the output
driver circuitry.
Figure 3-7: Digital Inputs - simple interface
When trace lengths become greater than 1in, controlled impedance traces should be
used. The recommended interface is shown in Figure 3-8. In this case, a parallel resistor
(RLOAD) is placed near the GS7025 inputs to terminate the controlled impedance trace.
The value of RLOAD should be twice the value of the characteristic impedance of the
trace. In addition, place series resistors (RSOURCE) near the driving chip to serve as
source terminations. They should be equal to the value of the trace impedance.
Assuming 800mV output swings at the driver, RLOAD = 100Ω, RSOURCE = 50Ω and ZO
= 50Ω.
Figure 3-8: Digital Inputs - controlled impedance interface
Figure 3-9 shows the recommended interface when the GS7025 digital inputs are driven
single-endedly. In this case, the input must be AC-coupled and a matching resistor (Zo)
must be used.
SDI
GS7025
SDI
75
10nF
10nF
75
113
DDI
DDI
ZO
GS7025
DDI
DDI
GS7025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com