Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation GS7025 Datasheet HTML 10Page - Gennum Corporation GS7025 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
7 of 23
Input Jitter Tolerance
270Mb/s
0.40
0.56
-
UI p-p
3, 6
9
Lock Time -
Synchronous Switch
tswitch < 0.5µs,
270Mb/s
-1
-
µs
4
7
0.5µs< tswitch
<10ms
-1
-
ms
tswitch > 10 ms
-
4
-
ms
SDO Mute Time
0.5
1
2
µs
5
7
SDO to SCO
Synchronization
-200
0
200
ps
7
SDO, SCO Output Signal
Swing
75Ω DC load
600
800
1000
mV
p-p
1
SDO, SCO Rise & Fall
Times
20%-80%
200
300
400
ps
7
SDI/SDI Input Resistance
-
10
-
kΩ
76
SDI/SDI Input Capacitance
-
1.0
-
pF
7
6
Carrier Detect Response
Time
Carrier Applied
-
3
-
µs
7, 8
6
Carrier
Removed
-30-
NOTES:
1. TYPICAL - measured on characterization board.
2. Characterized 6 sigma RMS.
3. IJT measured with sinusoidal modulation beyond Loop Bandwidth (at 6.5MHz).
4. Synchronous switching refers to switching the input data from one source to another source which is at the same data rate (ie. line 10
switching for component NTSC).
5. Carrier Loss Time refers to the response of the SDO output from valid re-clocked input data to mute mode when the input signal is removed.
6. Using the DDI input, A/D=0.
7. Using the SDI input, A/D=1.
8. Carrier Detect Response Time refers to the response of the SSI/CD output from a logic high to a logic low state when the input signal is
removed or amplitude drops below the threshold set by the CD_ADJ pin. SSI/CD pin loading CL<50pF, RL=open cct.
TEST LEVELS:
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
Table 2-2: AC Electrical Characteristics
VCC = 5.0V, VEE = 0V, TA = 0° – 70°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
Parameter
Condition
Min
Typical1
Max
Units
Note
s
Test
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com