Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 1 Page - Gennum Corporation

  GS7025 Datasheet HTML 1Page - Gennum Corporation GS7025 Datasheet HTML 2Page - Gennum Corporation GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1 of 23
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
GS7025 PRO-LINX™ Serial Digital Receiver
www.gennum.com
Key Features
• SMPTE 259M-C compliant (270Mb/s)
• Automatic cable equalization (typically greater than
350m of high-quality cable)
• Serial data outputs muted and serial clock remains
active when input data is lost
• Operation independent of SAV/EAV sync signals
• Signal strength indicator output
• Carrier detect with programmable threshold level
• Power savings mode (output serial clock disable)
• Large IJT, typically 0.56UI beyond loop bandwidth
•Robust lock detect
Applications
Cable equalization plus clock and data recovery for all high
speed serial digital interface applications involving SMPTE
259M-C.
Description
The GS7025 provides automatic cable equalization and
high-performance clock and data recovery for serial digital
signals. The GS7025 receives either single-ended or
differential serial digital data and outputs differential clock
and retimed data signals at PECL levels (800mV). The
onboard cable equalizer provides up to 35dB of gain at
135MHz, which typically results in equalization of greater
than 350m of high-quality cable at 270Mb/s.
The GS7025 requires only one external resistor to set the
VCO centre frequency and provides adjustment free
operation.
The GS7025 has dedicated pins to indicate signal strength,
carrier detect, and LOCK. Optional external resistors allow
the carrier detect threshold level to be customized to the
user's requirement. In addition, the GS7025 provides an
'Output Eye Monitor Test' (OEM_TEST) for diagnostic
testing of signal integrity after equalization, prior to
re-slicing. The serial clock outputs can be disabled to
reduce power. The GS7025 operates from a single +5V or
-5V supply.
GS7025 Functional Block Diagram
LF+ LFS LF-
CBG
RVCO
CARRIER DETECT
PHASELOCK
HARMONIC
FREQUENCY
ACQUISITION
VCO
LOCK
SDO
SDO
CLK_EN
SCO
SCO
MUTE
COSC
PHASE
DETECTOR
LOGIC
+
-
SDI
SDI
OEM_TEST
AGC CAP CD_ADJ
AUTO EQ
CONTROL
EYE
MONITOR
VARIABLE
GAIN EQ
STAGE
CHARGE
PUMP
+
-
+
-
SSI/CD
A/D
ANALOG
DIGITAL
MUX
DDI
DDI


Similar Part No. - GS7025

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
Serial Digital Receiver
GS7025-CQM GENNUM-GS7025-CQM Datasheet
134Kb / 13P
Serial Digital Receiver
GS7025-CTM GENNUM-GS7025-CTM Datasheet
134Kb / 13P
Serial Digital Receiver
More results

Similar Description - GS7025

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
Complete Serial Digital Video Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com