Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation GS7025 Datasheet HTML 18Page - Gennum Corporation GS7025 Datasheet HTML 19Page - Gennum Corporation GS7025 Datasheet HTML 20Page - Gennum Corporation GS7025 Datasheet HTML 21Page - Gennum Corporation GS7025 Datasheet HTML 22Page - Gennum Corporation GS7025 Datasheet HTML 23Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
21 of 23
5. Package & Ordering Information
5.1 Package Dimensions
10.00 ±0.10
13.20 ±0.25
PIN 1
10.00
±0.10
0.80 BSC
0.45 MAX
0.30 MIN
13.20
±0.25
2.20 MAX
1.85 MIN
0.35 MAX
0.15 MIN
2.55 MAX
0.23
MAX.
1.60
REF
0.3 MAX.
RADIUS
0.13 MIN.
RADIUS
0.88
NOM.
0.20 MIN
5° to 16°
5° to 16°
7° MAX
0° MIN
0° MIN
44 pin MQFP
All dimensions in millimetres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com