Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 19 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 19 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation GS7025 Datasheet HTML 18Page - Gennum Corporation GS7025 Datasheet HTML 19Page - Gennum Corporation GS7025 Datasheet HTML 20Page - Gennum Corporation GS7025 Datasheet HTML 21Page - Gennum Corporation GS7025 Datasheet HTML 22Page - Gennum Corporation GS7025 Datasheet HTML 23Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
19 of 23
Figure 3-9: Digital Inputs - single-ended input interface
When the DDI and the DDI inputs are not used, saturate one input of the differential
amplifier for improved noise immunity. To saturate, connect either pins 44 and 1 or pins
2 and 3 to VCC. Leave the other pair floating.
3.3.2 High Speed Outputs (SDO/SDO and SCO/SCO)
SDO/SDO and SCO/SCO are current mode outputs that require external pullup resistors
(see Figure 3-10). To calculate the output sink current, use the following relationship:
Output Sink Current = Output Signal Swing / Pullup Resistor
A diode can be placed between Vcc and the pullup resistors to reduce the common
mode voltage by approximately 0.7V. When the output traces are longer than 1in,
controlled impedance traces should be used. The pullup resistors should be placed at the
end of the output traces as they terminate the trace in its characteristic impedance
(75Ω).
Figure 3-10: High-speed Outputs with External Pullups
DDI
DDI
RSOURCE
RLOAD
RSOURCE
ZO
ZO
GS7025
VCC
SDO
SDO
SCO
SCO
75
75
VCC
75
75
GS7025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com