Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7025 Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation GS7025 Datasheet HTML 10Page - Gennum Corporation GS7025 Datasheet HTML 11Page - Gennum Corporation GS7025 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
8 of 23
2.4 Typical Performance Curves
(VS = 5V, TA = 25°C unless otherwise shown)
Figure 2-1: Test Setup for Figure 2-5 and Figure 2-6
Figure 2-2: SSI/CD Voltage vs. Cable Length (Belden 8281) (CD_ADJ = 0V)
Figure 2-3: Equalizer Gain vs. Frequency
CHARACTERIZATION
BOARD
GS9028
CABLE
DRIVER
TEKTRONIX
GigaBERT
1400
ANALYZER
TEKTRONIX
GigaBERT
1400
TRANSMITTER
BELDEN 8281
CABLE
DATA
DATA
CLOCK
TRIGGER
0
50
100
150
200
250
300
350
400
450
500
5.00
4.50
4.00
3.50
3.00
2.50
CABLE LENGTH (m)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com