Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 5 Page - Semtech Corporation

  SC461 Datasheet HTML 1Page - Semtech Corporation SC461 Datasheet HTML 2Page - Semtech Corporation SC461 Datasheet HTML 3Page - Semtech Corporation SC461 Datasheet HTML 4Page - Semtech Corporation SC461 Datasheet HTML 5Page - Semtech Corporation SC461 Datasheet HTML 6Page - Semtech Corporation SC461 Datasheet HTML 7Page - Semtech Corporation SC461 Datasheet HTML 8Page - Semtech Corporation SC461 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SC461
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Fault Protection
I
LIM Source Current
Temperature 25°C
9
10
11
μA
I
LIM Source Current Temperature Coefficient
0.28
%/°C
I
LIM Comparator Offset
With respect to AGND
-8
0
+8
mV
Output Under-Voltage Threshold
V
FB with respect to internal 600mV reference,
8 consecutive cycles
-25
%
Smart Power-Save Protection Threshold
V
FB with respect to internal 600mV reference
+10
%
Over-Voltage Protection Threshold
V
FB with respect to internal 600mV reference
+20
%
Over-Voltage Fault Delay
5
μs
Over-Temperature Shutdown
10°C hysteresis
165
°C
Logic Inputs/Outputs
Logic Input High Voltage — EN
1.4
V
Logic Input High Voltage — PSV
Forced Continuous Mode operation;
PSV pin with respect to VDDA
-0.4
V
Logic Input Low Voltage — EN, ENL(3)
With respect to AGND
0.4
V
EN Input Bias Current
EN = VDDA or AGND
-10
+10
μA
ENL Input Bias Current
V
IN = 28V
+11
μA
FB Input Bias Current
FB = VDDA or AGND
-1
+1
μA
PSV Input Bias Current
PSV = VDDA
5
16
μA
0.8V < PSV < 1.5V
1
μA
Linear Regulator
VLDO Accuracy
VLDO load = 10mA
4.875
5.0
5.125
V
Current Limit
VLDO < 1V (typ) start-up
15
mA
1V < VLDO < 4.0V (typ)
96
Operating, VLDO > 4.0V (typ)
200
VLDO Drop Out Voltage
V
IN to VLDO, LDO load = 50mA
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com