Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 11Page - Semtech Corporation SC461 Datasheet HTML 12Page - Semtech Corporation SC461 Datasheet HTML 13Page - Semtech Corporation SC461 Datasheet HTML 14Page - Semtech Corporation SC461 Datasheet HTML 15Page - Semtech Corporation SC461 Datasheet HTML 16Page - Semtech Corporation SC461 Datasheet HTML 17Page - Semtech Corporation SC461 Datasheet HTML 18Page - Semtech Corporation SC461 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
SC461
15
to the switcher output due to its maximum voltage rating.
An additional resistor divider network is required to
connect from the switcher output to the VOUT pin as
shown in Figure 4.
To VOUT pin
VOUT > 5V
RV1
COUT
L
LX
RV2
Figure 4 — Resistor Divider For V
OUT Exceeding 5V
The resistors must be chosen so that the VOUT does not
exceed the VDDA supply. Note that the VOUT pin has an
internal 500kW resistor connected to AGND. To minimize
the effect of this resistor on the resistor divider ratio, the
maximum recommend value for resistor R
V2 in Figure 4 is
10kW.
In addition to the resistor divider, the RTON resistor value
must be adjusted. The on-time is calculated according to
the voltage at the VOUT pin. In order to select the desired
on-time and operating frequency, the RTON resistor
should be adjusted to a higher value to compensate for
the reduced voltage at the VOUT pin. For output voltages
exceeding 5V, the required RTON value can be determined
by the following equation.
For applications where V
OUT exceeds 5V, FCM operation is
recommended.
Forced Continuous Mode Operation
The SC461 operates the switcher in Forced Continuous
Mode (FCM) by connecting the PSV pin to VDDA. The PSV
pin should never exceed the VDDA supply. See Figure 5
for FCM waveforms. In this mode one of the power
MOSFETs is always on, with no intentional dead time other
than to avoid cross-conduction. This results in more
uniform frequency across the full load range, with the
trade-off being reduced efficiency at light loads due to
the high-frequency switching of the MOSFETs.
The PSV pin contains a 5μA current sink to prevent stray
leakage current from pulling the PSV pin up to the VDDA
supply when the PSV pin is floated to select Power-Save
operation. To select Forced Continuous Mode operation,
the maximum recommended resistance between the
VDDA supply and the PSV pin is 40kW.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 5 — Forced Continuous Mode Operation
Power-Save Mode Operation
The SC461 provides power-save operation at light loads
with no minimum operating frequency, selected by float-
ing the PSV pin (no connection). In this mode of opera-
tion, the zero cross comparator monitors inductor current
via the voltage across the low-side MOSFET during the
off-time. If the inductor current falls to zero for 8 consecu-
tive switching cycles, the controller enters power-save
operation. It will then turn off the low-side MOSFET on
each subsequent cycle, provided that the current falls to
zero. After the low-side MOSFET is off, both high-side and
low-sides MOSFETs remain off until V
FB drops to the 600mV
threshold. While the MOSFETs are off the load is supplied
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com