Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 18Page - Semtech Corporation SC461 Datasheet HTML 19Page - Semtech Corporation SC461 Datasheet HTML 20Page - Semtech Corporation SC461 Datasheet HTML 21Page - Semtech Corporation SC461 Datasheet HTML 22Page - Semtech Corporation SC461 Datasheet HTML 23Page - Semtech Corporation SC461 Datasheet HTML 24Page - Semtech Corporation SC461 Datasheet HTML 25Page - Semtech Corporation SC461 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
SC461
22
Applications Information (continued)
SW
INMAX
OUT
ON
f
V
V
T
T
ON = 310 nsec at 26.4VIN, 1.8VOUT, 220kHz
Substituting for R
TON results in the following solution.
R
TON = 156kΩ, use RTON = 154kΩ
Inductor Selection
In order to determine the inductance, the ripple current
must first be defined. Low inductor values result in smaller
size but create higher ripple current which can reduce
efficiency. Higher inductor values will reduce the ripple
current/voltage and for a given DC resistance are more
efficient. However, larger inductance translates directly
into larger packages and higher cost. Cost, size, output
ripple, and efficiency are all used in the selection process.
The ripple current will also set the boundary for power-
save operation. The switching will typically enter power-
save mode when the load current decreases to 1/2 of the
ripple current. For example, if ripple current is 4A then
Power-save operation will typically start for loads less than
2A. If ripple current is set at 40% of maximum load current,
then power-save will start for loads less than 20% of
maximum current.
The inductor value is typically selected to provide a ripple
current that is between 25% to 60% of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During the DH on-time, voltage across the inductor is
(V
IN - VOUT). The following equation for determining induc-
tance is shown.
RIPPLE
ON
OUT
IN
I
T
)
V
V
(
L
In this example the inductor ripple current is set approxi-
mately equal to 50% of the maximum load current. Thus
ripple current target will be 50% x 10A or 5A.
To find the minimum inductance needed, use the V
IN and
T
ON values that correspond to VINMAX.
A slightly smaller value of 1.5µH is selected.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current.
The ripple current under minimum V
IN conditions is also
checked using the following equations.
L
T
)
V
V
(
I
ON
OUT
IN
RIPPLE
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The maximum ESR requirement is con-
trolled by the output ripple requirement and the DC toler-
ance. The output voltage has a DC value that is equal to
the valley of the output ripple plus 1/2 of the peak-to-peak
ripple. Change in the output ripple voltage will lead to a
change in DC voltage at the output.
The design goal is for the output voltage regulation to be
±4% under static conditions. The internal 600mV refer-
ence tolerance is 1%. Allowing 1% tolerance from the FB
resistor divider, this allows 2% tolerance due to V
OUT ripple.
Since this 2% error comes from 1/2 of the ripple voltage,
the allowable ripple is 4%, or 72mV for a 1.8V output.
The maximum ripple current of 5A creates a ripple voltage
across the ESR. The maximum ESR value allowed is shown
by the following equations.
ESR
MAX = 14.4 mΩ
The output capacitance is chosen to meet transient
requirements. A worst-case load release, from maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com