Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 14Page - Semtech Corporation SC461 Datasheet HTML 15Page - Semtech Corporation SC461 Datasheet HTML 16Page - Semtech Corporation SC461 Datasheet HTML 17Page - Semtech Corporation SC461 Datasheet HTML 18Page - Semtech Corporation SC461 Datasheet HTML 19Page - Semtech Corporation SC461 Datasheet HTML 20Page - Semtech Corporation SC461 Datasheet HTML 21Page - Semtech Corporation SC461 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
SC461
18
A
3
V
5
.
1
C
t
SS
SS
After the SS capacitor voltage reaches 1.5V, the SS capaci-
tor continues to charge until the SS voltage is equal to
67% of VDDA. At this time the Power Good monitor com-
pares the FB pin and sets the PGOOD output high (open
drain) if VOUT is in regulation. The time between VOUT
reaching the regulation point and the PGOOD output
going high is shown by the following equation.
The time from the rising edge of the EN pin to the PGOOD
output going high is shown by the following equation.
After the Power Good Start-up Delay Time is completed,
the SS pin is internally pulled up to the VDDA supply.
The soft-start cycle and Power Good timing can be seen in
the Figure 10.
EN
SS
FB
PGOOD
CSS charging
current 3uA
VSS = 1.5V
VOUT in regulation
VSS = 67% × VDDA
tSS
tPGOOD
Figure 10 — Soft-start Cycle and Power Good timing
Pre-Bias Start-up
SC461 can support soft-start with an output pre-bias. The
SS capacitor ramp time is the same as a normal start-up
when the output voltage starts from zero. Under a pre-
bias start-up, the DH and DL drivers inhibit switching until
40% of the ramp at the SS pin equals the pre-bias FB
voltage level. Pre-bias start-up is achieved by turning off
the lower MOSFET when the inductor current reaches zero
during the soft-start cycle. This method helps prevent the
output voltage from decreasing.
Power Good Output
The PGOOD (power good) output is an open-drain output
which requires a pull-up resistor. During start-up, PGOOD
is held low and is not allowed to transition high until the
output voltage is in regulation and the SS pin has reached
67% of VDDA. The time from EN going high to PGOOD
going high is typically 12.5ms for CSS = 10nF and VDDA =
5V. For CSS = 10nF and VDDA = 3V the typical PGOOD
time is 7.5ms.
When the voltage at the FB pin is 10% below the nominal
voltage, PGOOD is pulled low. Once PGOOD pulls low
there is typically 2% hysteresis to prevent chatter on the
PGOOD output.
PGOOD will transition low if the FB voltage exceeds +20%
of nominal (720mV), which is also the over-voltage shut-
down threshold. PGOOD also pulls low if the EN pin is low
and VDDA is present.
Output Over-Voltage Protection
Over-voltage protection (OVP) becomes active as soon as
the device is enabled. The OVP threshold is set at 600mV
+ 20% (720mV). There is a 5μs delay built into the OVP
detector to prevent false transitions. When V
FB exceeds the
OVP threshold, DL is driven high and the low-side MOSFET
is turned on. DL remains high and the controller remains
off. If the FB pin remains above the OVP threshold, DL
remains high and the IC will maintain this maintain this
state with no automatic recovery. If FB falls below the OVP
threshold, the device goes through the automatic fault
recovery cycle. When the automatic recovery cycle is
completed, the device will attempt a new soft-start cycle.
At the start of the soft-start cycle, the DL output will go
low for typically 30us while the controller initializes the
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com