Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 4Page - Semtech Corporation SC461 Datasheet HTML 5Page - Semtech Corporation SC461 Datasheet HTML 6Page - Semtech Corporation SC461 Datasheet HTML 7Page - Semtech Corporation SC461 Datasheet HTML 8Page - Semtech Corporation SC461 Datasheet HTML 9Page - Semtech Corporation SC461 Datasheet HTML 10Page - Semtech Corporation SC461 Datasheet HTML 11Page - Semtech Corporation SC461 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SC461
8
Characteristics in this section are based on using the Detailed Application Circuit.
Startup into Pre-bias Output
Time (2ms/div)
External 5V bias, V
IN = 12V, Load 20mA, PSV enabled
Start-up — SS ramp-up
Time (2ms/div)
Start-up — EN Input
Automatic Restart — V
IN transient
SS
(5V/div)
VOUT
(1V/div)
VIN
(10V/div)
Time (40ms/div)
Over-current Response
Time (100µs/div)
External 5V bias, V
IN = 12V, Load 17A
PGOOD
(5V/div)
LOAD
(10A/div)
VOUT
(1V/div)
LX
(10V/div)
Automatic Restart — Over-current
Time (20ms/div)
SS
(5V/div)
LX
(10V/div)
LOAD
(10A/div)
VOUT
(1V/div)
Typical Characteristics (continued)
External 5V bias, V
IN = 12V, Load 1A
External 5V bias, V
IN = 12V, no load, PSV enabled
External 5V bias, V
IN = 12V, Load resistance 50mΩ continuous
PGOOD
(5V/div)
LX
(10V/div)
VOUT
(1V/div)
EN
(5V/div)
External 5V bias, V
IN = 12V, no load, PSV enabled
EN
(5V/div)
PGOOD
(5V/div)
VOUT
(1V/div)
LX
(10V/div)
SS
(5V/div)
PGOOD
(5V/div)
VOUT
(1V/div)
LX
(10V/div)
Time (2ms/div)
LX
(10V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com