Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 19Page - Semtech Corporation SC461 Datasheet HTML 20Page - Semtech Corporation SC461 Datasheet HTML 21Page - Semtech Corporation SC461 Datasheet HTML 22Page - Semtech Corporation SC461 Datasheet HTML 23Page - Semtech Corporation SC461 Datasheet HTML 24Page - Semtech Corporation SC461 Datasheet HTML 25Page - Semtech Corporation SC461 Datasheet HTML 26Page - Semtech Corporation SC461 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SC461
23
Applications Information (continued)
load to no load at the exact moment when inductor
current is at the peak, determines the required capaci-
tance. If the load release is instantaneous (load changes
from maximum to zero in < 1µs), the output capacitor
must absorb all the inductor’s stored energy. This will
cause a peak voltage on the capacitor according to the
following equation.
2
OUT
2
PEAK
2
RIPPLEMAX
OUT
MIN
V
V
I
2
1
I
L
COUT
Assuming a peak voltage V
PEAK of 1.98 (180mV rise upon
load release), and a 10A load release, the required capaci-
tance is shown by the next equation.
COUT
MIN = 344µF
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 600mV reference, the DL
output is high and the low-side MOSFET is on. During this
time, the voltage across the inductor is approximately
(-V
OUT). This causes a down-slope or falling di/dt in the
inductor. If the load di/dt is not faster than the -di/dt in
the inductor, then the inductor current will tend to track
the falling load current. This will reduce the excess induc-
tive energy that must be absorbed by the output capaci-
tor, therefore a smaller capacitance can be used.
The following can be used to calculate the needed capaci-
tance for a given dI
LOAD/dt. Peak inductor current is shown
by the next equation.
I
LPK = IMAX + 1/2 x IRIPPLEMAX
I
LPK = 10 + 1/2 x 5 = 12.5A
dt
dl
Current
Load
of
change
of
Rate
LOAD
I
MAX = maximum load release = 10A
OUT
PK
LOAD
MAX
OUT
LPK
LPK
OUT
V
V
2
dt
dl
I
V
I
L
I
C
Example
s
A
5
.
2
dt
dl
LOAD
This would cause the output current to move from 10A to
zero in 4µs.
C
OUT = 223µF
Note that C
OUT is much smaller in this example, 223µF
compared to 344µF based on a worst-case load release. To
meet the two design criteria of minimum 336µF and
maximum 14.4mΩ ESR, use two capacitors rated at
220µF/15mΩ.
It is recommended that an additional small capacitor with
a value of 1 to 10µF be placed in parallel with C
OUT in order
to filter high frequency switching noise.
Stability Considerations
Unstable operation is possible with adaptive on-time con-
trollers, and usually takes the form of double-pulsing or
ESR loop instability.
Double-pulsing occurs due to switching noise seen at the
FB input or because the FB ripple voltage is too low. This
causes the FB comparator to trigger prematurely after the
250ns minimum off-time has expired. In extreme cases
the noise can cause three or more successive on-times.
Double-pulsing will result in higher ripple voltage at the
output, but in most applications it will not affect opera-
tion. This form of instability can usually be avoided by
providing the FB pin with a smooth, clean ripple signal
that is at least 10mVp-p, which may dictate the need to
increase the ESR of the output capacitors. It is also impera-
tive to provide a proper PCB layout as discussed in the
Layout Guidelines section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com