Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 20Page - Semtech Corporation SC461 Datasheet HTML 21Page - Semtech Corporation SC461 Datasheet HTML 22Page - Semtech Corporation SC461 Datasheet HTML 23Page - Semtech Corporation SC461 Datasheet HTML 24Page - Semtech Corporation SC461 Datasheet HTML 25Page - Semtech Corporation SC461 Datasheet HTML 26Page - Semtech Corporation SC461 Datasheet HTML 27Page - Semtech Corporation SC461 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
SC461
24
Applications Information (continued)
Another way to eliminate doubling-pulsing is to add a
small capacitor across the upper feedback resistor, as
shown in Figure 16. This capacitor should be left unpopu-
lated unless it can be confirmed that double-pulsing
exists. Adding the C
TOP capacitor will couple more ripple
into FB to help eliminate the problem. An optional con-
nection on the PCB should be available for this capacitor.
VOUT
To FB pin
R2
R1
CTOP
Figure 16 — Capacitor Coupling to FB Pin
NOTE: The C
TOP capacitor can moderately affect the DC output volt-
age, refer to the section on V
OUT voltage selection.
ESR loop instability is caused by insufficient ESR. The
details of this stability issue are discussed in the ESR
Requirements section. The best method for checking sta-
bility is to apply a zero-to-full load transient and observe
the output voltage ripple envelope for overshoot and
ringing. Ringing for more than one cycle after the initial
step is an indication that the ESR should be increased.
One simple way to solve this problem is to add trace resis-
tance in the high current output path. A side effect of
adding trace resistance is decreased load regulation.
ESR Requirements
A minimum ESR is required for two reasons. One reason is
to generate enough output ripple voltage to provide
10mVp-p at the FB pin (after the resistor divider) to avoid
double-pulsing.
The second reason is to prevent instability due to insuffi-
cient ESR. The on-time control regulates the valley of the
output ripple voltage. This ripple voltage is the sum of the
two voltages. One is the ripple generated by the ESR, the
other is the ripple due to capacitive charging and dis-
charging during the switching cycle. For most applica-
tions the minimum ESR ripple voltage is dominated by the
output capacitors, typically SP or POSCAP devices. For
stability the ESR zero of the output capacitor should be
lower than approximately one-third the switching fre-
quency. The formula for minimum ESR is shown by the
following equation.
sw
OUT
MIN
f
C
2
3
SR
E
Using Ceramic Output Capacitors
When using high ESR value capacitors, the feedback
voltage ripple lags the phase node voltage by 90 degrees
and the converter is easily stabilized. When using ceramic
output capacitors, the ESR value is normally too small to
meet the above ESR criteria. As a result, the feedback
voltage ripple is 180 degrees from the phase node leading
to unstable operation. In this application it is necessary to
add a small virtual ESR network that is composed of two
capacitors and one resistor, as shown by R
L, CL, and CC in
Figure 17.
R1
R2
FB
pin
CC
COUT
L
CL
RL
DCR
D x VIN
+-
VL
Figure 17 — Virtual ESR Ramp Circuit
The ripple voltage at FB is a superposition of two voltage
sources: the voltage across C
L and the output ripple
voltage. They are defined in the following equations.
Figure 18 shows the equivalent circuit for calculating the
magnitude of the ripple contribution at the FB pin due to C
L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com