Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 12Page - Semtech Corporation SC461 Datasheet HTML 13Page - Semtech Corporation SC461 Datasheet HTML 14Page - Semtech Corporation SC461 Datasheet HTML 15Page - Semtech Corporation SC461 Datasheet HTML 16Page - Semtech Corporation SC461 Datasheet HTML 17Page - Semtech Corporation SC461 Datasheet HTML 18Page - Semtech Corporation SC461 Datasheet HTML 19Page - Semtech Corporation SC461 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
SC461
16
by the output capacitor. If the inductor current does not
reach zero on any switching cycle, the controller immedi-
ately exits power-save and returns to forced continuous
mode. Figure 6 shows power-save operation at light
loads.
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 6 — Power-Save Operation
Smart Power-Save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT to slowly rise and
reach the over-voltage threshold, resulting in an over-
voltage shutdown. Smart power-save prevents this condi-
tion. When the FB voltage exceeds 10% above nominal
(exceeds 660mV), the device immediately disables power-
save and DL drives high to turn on the low-side MOSFET.
This draws current from V
OUT through the inductor and
causes V
OUT to fall. When VFB drops back to the 600mV trip
point, a normal T
ON switching cycle begins. This method
prevents over-voltage shutdown by cycling energy from
V
OUT back to VIN. It also minimizes operating power under
light load conditions by avoiding forced continuous mode
operation.
Figure 7 shows typical waveforms for the Smart Power-
save feature.
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after DH
on-time pulse
Normal VOUT ripple
Figure 7 — Smart Power-Save
SmartDriveTM
For each DH pulse, the DH driver initially turns on the
high-side MOSFET at a slower speed, allowing a softer,
smooth turn-off of the low-side diode. Once the diode is
off and the LX voltage has risen 0.8V above PGND, the
SmartDrive circuit automatically drives the high-side
MOSFET on at a rapid rate. This technique reduces switch-
ing noise while maintaining high efficiency, reducing the
need for snubbers.
Enable Input for Switching Regulator
The EN input is a logic level input. When EN is low
(grounded), the switching regulator is off and in its lowest
power state. When EN is low and VDDA is above the VDDA
UVLO threshold, the output of the switching regulator
soft-discharges into the VOUT pin through an internal
2kΩ resistor. When EN is a logic high (>1V) the switching
regulator is enabled.
The EN input has internal resistors — 2MΩ pullup to
VDDA, and a 1MΩ pulldown to AGND. These resistors will
normally cause the EN voltage to be near the logic high
trip point as VDDA reaches the VDDA UVLO threshold.
To prevent undesired toggling of EN and erratic start-up
performance, the EN pin should not be allowed to float as
open-circuit.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com