Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 15Page - Semtech Corporation SC461 Datasheet HTML 16Page - Semtech Corporation SC461 Datasheet HTML 17Page - Semtech Corporation SC461 Datasheet HTML 18Page - Semtech Corporation SC461 Datasheet HTML 19Page - Semtech Corporation SC461 Datasheet HTML 20Page - Semtech Corporation SC461 Datasheet HTML 21Page - Semtech Corporation SC461 Datasheet HTML 22Page - Semtech Corporation SC461 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
SC461
19
soft-start sequence. PGOOD is also low after an OVP
event.
Output Under-Voltage Protection
When V
FB falls 25% below its nominal voltage (falls to
450mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tri-
state the MOSFETs. The controller stays off while the
device goes through the automatic fault recovery cycle.
Automatic Fault Recovery
The SC461 includes an automatic recovery feature (hiccup
mode upon fault). If the switcher output is shut down due
to a fault condition, the device uses the SS capacitor as a
timer. Upon fault detection the SS pin is pulled low and
then begins charging through the internal 3μA current
source. When the SS capacitor reaches 67% of VDDA, the
SS pin is again pulled low, after which the SS capacitor
begins another charging cycle. The SS capacitor will be
used for 15 cycles of charging from 0 to 67% of VDDA. (For
Over-voltage and Over-Temperature faults, the count will
be 16 cycles instead of 15). During these cycles the
switcher is off and there is no MOSFET switching.
During the next charging cycle, the normal soft-start
routine is implemented and the MOSFETs begin switch-
ing. Switching continues until the Power Good Start-up
Delay Time is reached. If the switcher output is still in a
fault condition, the switcher will again shut down and
force 15 cycles of SS charging (16 cycles in the case of an
Over-voltage or Over-Temperature fault) before attempt-
ing another soft-start. The long delay between soft-start
cycles reduces the average power loss in the power
components.
The automatic recovery timing is shown in Figure 11.
15 cycles
SS
tHICCUP = 15 x tEN_PGOOD
tEN_PGOOD
67% x VDDA
1 soft-start cycle
fault
applied
15 cycles
1 soft-start cycle
tEN_PGOOD
tEN_PGOOD
tHICCUP = 15 x tEN_PGOOD
Figure 11 — Automatic Recovery Timing
The control of the low-side MOSFET during an Over-
voltage fault is handled differently from other faults. If the
fault was due to an over-voltage condition, the DL output
will remain high during 16 SS charging cycles. For all other
faults, the DL output will remain low. However, if the FB
pin exceeds the Over-voltage threshold, the charging of
the SS capacitor will not occur, and the DL output will
remain high. If the FB pin falls below the OVP threshold,
16 SS charging cycles will occur while DL remains high.
When the next start-up cycle commences, DL will drive
low for typically 30us as the controller re-initializes the
internal soft-start routine.
VDDA UVLO and POR
The VDDA Under-Voltage Lock-Out (UVLO) circuitry inhib-
its switching and tri-states the DH/DL drivers until VDDA
rises above 2.84V. When VDDA exceeds 2.84V, an internal
POR (Power-On Reset) resets the fault latch and the soft-
start circuitry and then the SC461 is ready to begin a soft-
start cycle. The switcher will shut off if VDDA falls below
2.62V. VDDP does not have UVLO protection.
LDO Regulator
When the LDO is providing bias power to the device, a
minimum 0.1μF capacitor referenced to AGND is required,
along with a minimum 1μF capacitor referenced to PGND
to filter the gate drive pulses. Refer to the PCB Layout
Guidelines section.
ENL Pin and V
IN UVLO
The ENL pin is also used for the V
IN under-voltage lockout
(V
IN UVLO) for the switcher. The VIN UVLO voltage is pro-
grammable via a resistor divider at the V
IN, ENL and AGND
pins. The V
IN UVLO function has a typical threshold of 1.55V
on the V
IN rising edge. The falling edge threshold is 1.24V.
Note that when the V
IN UVLO feature is used, the LDO is
enabled because the ENL pin is above the LDO enable
threshold (0.8V typical). In these cases the SC461 must use
the internal LDO for bias power.
Timing is important when driving ENL with logic and not
using the V
IN UVLO capability. The ENL pin must transition
from high to low within 2 switching cycles to avoid the
PWM output turning off. If ENL goes below the V
IN UVLO
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com