Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 2Page - Semtech Corporation SC461 Datasheet HTML 3Page - Semtech Corporation SC461 Datasheet HTML 4Page - Semtech Corporation SC461 Datasheet HTML 5Page - Semtech Corporation SC461 Datasheet HTML 6Page - Semtech Corporation SC461 Datasheet HTML 7Page - Semtech Corporation SC461 Datasheet HTML 8Page - Semtech Corporation SC461 Datasheet HTML 9Page - Semtech Corporation SC461 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SC461
6
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
High-Side Driver (DH, BST, LX)
Peak Current
VDDP = 5V, DH pin sourcing or sinking
2
A
On Resistance
R
DH_PULL-UP, LX < 0.5V, VDDP = 5V
3.6
5
Ω
R
DH_PULL-UP, LX > 0.5V, VDDP = 5V
1.1
2.1
Ω
R
DH_PULL-DOWN, VDDP = 5V
0.65
1.20
Ω
Rise Time
C
DH-LX = 3nF, VDDP = 5V
22
ns
Fall Time
C
DH-LX = 3nF, VDDP = 5V
12
ns
Propagation Delay
From FB Input to DH
45
ns
Shoot-thru Protection Delay
VDDP = 5V
45
ns
Bootstrap Switch Resistance
VDDP = 5V
16
Ω
Low-Side Driver (DL, VDDP, PGND)
Peak Current
VDDP = 5V, DL sourcing
2
A
VDDP = 5V, DL sinking
4
A
On Resistance
R
DL_PULL-UP, VDDP = 5V
0.85
1.60
Ω
R
DL_PULL-DOWN, VDDP = 5V
0.28
0.50
Ω
Rise Time
C
DL = 3nF, VDDP = 5V
7
ns
Fall Time
C
DL = 3nF, VDDP = 5V
3.5
ns
Notes:
(1) V
IN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference. Note that
because the V
IN UVLO threshold at the ENL pin is above the enable threshold of the LDO, the LDO must be used as bias power for the device
when using the V
IN UVLO feature.
(2) For FCM operation, the VDDA and VDDA supply current includes the DH/DL current required to drive the external MOSFETs.
(3) The ENL pin will enable the LDO with 0.8V typical. The V
IN ULVO function of the ENL pin will disable the switcher unless the ENL pin exceeds
the V
IN UVLO Threshold which is typically 1.55V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com