Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 10Page - Semtech Corporation SC461 Datasheet HTML 11Page - Semtech Corporation SC461 Datasheet HTML 12Page - Semtech Corporation SC461 Datasheet HTML 13Page - Semtech Corporation SC461 Datasheet HTML 14Page - Semtech Corporation SC461 Datasheet HTML 15Page - Semtech Corporation SC461 Datasheet HTML 16Page - Semtech Corporation SC461 Datasheet HTML 17Page - Semtech Corporation SC461 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
SC461
14
This method automatically produces an on-time that is
proportional to V
OUT and inversely proportional to VIN.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC461 uses an external resistor to set the on-time which
indirectly sets the frequency. The on-time can be pro-
grammed to provide an operating frequency of up to 1MHz
using a resistor between the TON pin and ground. The resis-
tor value is
selected by the following equation.
The maximum recommended R
TON value is shown by the
following equation.
Immediately after the on-time, the DL output drives high
to energize the low-side MOSFET. DL has a minimum high
time of ~250ns, after which DL continues to stay high until
one of the following occurs:
The FB input falls below the 600mV reference
The Zero Cross Detector trips if power-save is
active
TON Limitations and VDDA Supply Voltage
For VDDA below 4.5V, the TON accuracy may be limited by
V
IN. The previous RTON equation is accurate if VIN satisfies
the below relation over the entire V
IN range:
V
IN < (VDDA - 1.6V) x 10
If V
IN exceeds ((VDDA - 1.6V) x 10) for all or part of the VIN
range, the previous RTON equation is not accurate. In all
cases where VIN > ((VDDA - 1.6V) x 10), the RTON equation
must be modified as follows.
•
•
Note that when V
IN is greater than ((VDDA - 1.6V) x 10), the
actual on-time is fixed and does not vary with V
IN. When
operating in this condition, the switching frequency will
vary inversely with V
IN rather than approximating fixed
frequency.
V
OUT Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT as seen through a resistor divider at the FB pin to the
internal 600mV reference voltage (see Figure 3).
R1
To FB pin
R2
VOUT
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC value of
V
OUT is offset by the output ripple according to the follow-
ing equation.
2
V
R
R
1
0.6
V
RIPPLE
2
1
OUT
In some applications a small capacitor C
TOP is placed in
parallel with R1 to provide a larger ripple signal from V
OUT
to the FB pin. In these applications, the output voltage
V
OUT is calculated according to the following equation in
which w represents the switching frequency.
Configuring V
OUT Greater Than 5V
The switcher output voltage can be programmed higher
than 5V with careful attention to the VOUT and RTON pins.
In these applications the VOUT pin cannot connect directly
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com