Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC461 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 1 Page - Semtech Corporation

  SC461 Datasheet HTML 1Page - Semtech Corporation SC461 Datasheet HTML 2Page - Semtech Corporation SC461 Datasheet HTML 3Page - Semtech Corporation SC461 Datasheet HTML 4Page - Semtech Corporation SC461 Datasheet HTML 5Page - Semtech Corporation SC461 Datasheet HTML 6Page - Semtech Corporation SC461 Datasheet HTML 7Page - Semtech Corporation SC461 Datasheet HTML 8Page - Semtech Corporation SC461 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
© 2012 Semtech Corporation
1
SC461
EcoSpeed®DC-DC Buck Controller
with Integrated LDO
Features
Power system
Input voltage — 3V to 28V
Integrated bootstrap switch
Fixed 5V LDO output — 200mA
1% reference tolerance -40 to +85 °C
Selectable internal/external bias power supply
EcoSpeed® architecture with pseudo-fixed fre-
quency adaptive on-time control
Logic input and output control
Independent enable controls for LDO and
switcher
Programmable soft-start time
Programmable V
IN UVLO threshold
Power Good output
Selectable power-save mode
Protections
Automatic restart on fault shutdown
Over-voltage and under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal shutdown
Smart power-save
Pre-bias start-up
Capacitor types: SP, POSCAP, OSCON, and ceramic
Package — 3 x 3(mm), 20-pin MLPQ
Lead-free and halogen-free
RoHS and WEEE compliant
Applications
Office automation and computing
Networking and telecommunication equipment
Point-of-load power supplies and module replacement
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC461 is a synchronous EcoSpeed® buck regulator
which incorporates Semtech’s advanced, patented adap-
tive on-time control architecture to provide excellent
light-load efficiency and fast transient response. It fea-
tures an integrated bootstrap switch and a fixed 5V LDO in
a 3 x 3(mm) package. The device is highly efficient and
uses minimal PCB area.
The SC461 supports using standard capacitor types such as
electrolyticorspecialpolymer,inadditiontoceramic,atswitch-
ing frequencies up to 1MHz. The programmable frequency,
synchronous operation, and programmable power-save
provide high efficiency operation over a wide load range.
Additional features include cycle-by-cycle current limit,
programmable soft-start, under and over-voltage protec-
tion, programmable over-current protection, start-up into
pre-biased output, automatic fault recovery (hiccup restart),
soft-shutdown, and a selectable power-save mode. The
device also provides separate enable inputs for the PWM
controller and LDO as well as a Power Good output for the
PWM controller. Output voltage range is 0.6 to 5V, with
output voltages greater than 5V supported using additional
components.
The input voltage can range from 3V to 28V. The wide
input voltage range, programmable frequency, and inte-
grated 5V LDO make the device extremely flexible and
easy to use in a broad range of applications. Support is
provided for multi-cell battery systems in addition to tra-
ditional DC power supply applications.
Revision 2.0
POWER MANAGEMENT
Typical Application Circuit
VDDA
PGOOD
EN
TON
ENL
1µF
VEXT or VLDO
PGND
AGND
VLDO
ENABLE LDO
RTON
SC461
VDDP
VLDO
SS
0.1µF
1µF
ENABLE
PGOOD
PSV
PSV
LX
ILIM
RLIM
+
VOUT
COUT
L1
VOUT
FB
CIN
DH
BST
DL
VIN
VIN
VEXT or VLDO
10nF


Similar Part No. - SC461

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4611ITSTRT SEMTECH-SC4611ITSTRT Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612EVB SEMTECH-SC4612EVB Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
40V Synchronous Buck Controller
More results

Similar Description - SC461

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC418 SEMTECH-SC418 Datasheet
659Kb / 30P
EcoSpeedTM DC-DC Buck Controller with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
logo
List of Unclassifed Man...
AS1135 ETC2-AS1135 Datasheet
128Kb / 2P
Powered Device with Integrated DC-DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
Synchronous Buck DC/DC Controller
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
DC-DC Buck with Integrated Inductor
EN6362QI ALTERA-EN6362QI Datasheet
1Mb / 21P
DC-DC Buck with Integrated Inductor
logo
Richtek Technology Corp...
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
Synchronous DC-DC Step-Down Controller with 5V LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
Buck DC/DC Converter Low Noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com