Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADL5202
Data Sheet
Rev. 0 | Page 28 of 32
Configuration Options for the USB Section
Table 10. Bill of Materials for USB Section
Components
Default Conditions
C7, C8
22 pF (Size 0603)
C13
1000 pF (Size 0603)
C2, C3, C4, C6, C10, C11, C12, C14, C16, C46
0.1 μF (Size 0402)
C9, C15
1 μF (Size 0402)
C1, C5
10 pF (Size 0402)
CR1
Green LED ( Panasonic LNJ308G8TRA)
P3
USB SMT connector (Hirose Electric UX60A-MB-5ST 240-0003-4)
R1, R2, R5
2 kΩ (Size 0603)
R6,
78.7 kΩ (Size 0603)
R7
140 kΩ (Size 0603)
R3, R4
100 kΩ (Size 0603)
R83
0 Ω (Size 0603)
U2
USB microcontroller (Cypress CY7C68013A-56LFXC)
U1
64 kB EEPROM (Microchip 24LC64-I/SN)
U3
Low dropout regulator (Analog Devices ADP3334ACPZ)
Y1
24 MHz crystal oscillator (AEL Crystals X24M000000S244)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com