Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADL5202
Rev. 0 | Page 11 of 32
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
–11.5dB
0dB
10dB
20dB
Figure 24. Output Third-Order Intercept vs. Frequency
at Four Gain Codes, Low Power Mode at 2 V p-p Composite
FREQUENCY (MHz)
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. Output Third-Order Intercept vs. Frequency,
Three Temperatures, Low Power Mode
–120
–110
–100
–90
–80
–70
–60
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
46MHz
140MHz
300MHz
Figure 26. Two-Tone Output IMD3 vs. Programmed Gain
at 46 MHz, 140 MHz, 300 MHz; Low Power Mode
20
25
30
35
40
45
50
55
60
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
–11.5dB
0dB
10dB
20dB
INPUT
MAX RATINGS
BOUNDRY
Figure 27. Output Third-Order Intercept vs. Power at Four Gain Codes,
Frequency = 140 MHz, Low Power Mode
20
25
30
35
40
45
50
55
60
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 28. Output Third-Order Intercept vs. Power,
Three Temperatures, Low Power Mode at 2 V p-p Composite
–120
–110
–100
–90
–80
–70
–60
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 29. Two-Tone Output IMD3 vs. Frequency,
Three Temperatures, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com