Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADL5202
Data Sheet
Rev. 0 | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, RS = RL = 150 Ω at 200 MHz, high performance mode, 2 V p-p differential output, unless otherwise noted.
–15
–10
–5
0
5
10
15
20
25
0
10203040506070
GAIN CODE
46MHz
140MHz
300MHz
Figure 6. Gain vs. Gain Code at 46 MHz, 140 MHz, and 300 MHz
0
5
10
15
20
25
30
35
40
45
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
Figure 7. Noise Figure vs. Programmed Gain at 140 MHz
0
5
10
15
20
25
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
INPUT
MAX RATINGS
BOUNDARY
Figure 8. OP1dB vs. Programmed Gain at 140 MHz
–20
–15
–10
–5
0
5
10
15
20
25
10
100
1000
FREQUENCY (MHz)
4dB
3dB
2dB
1dB
0dB
–1dB
–2dB
–3dB
–4dB
–5dB
–6dB
–7dB
–8dB
–9dB
–10dB
–11dB
20dB
19dB
18dB
17dB
16dB
15dB
14dB
13dB
12dB
11dB
10dB
9dB
8dB
7dB
6dB
5dB
Figure 9. Gain vs. Frequency Response (Every 1 dB Step)
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
500
600
FREQUENCY (MHz)
MID GAIN (5dB)
MAX GAIN (20dB)
TA = –40°C
TA = +25°C
TA = +85°C
MIN GAIN (–11.5dB)
Figure 10. Noise Figure vs. Frequency at Max, Mid, and Min Gain Outputs
FREQUENCY (MHz)
0
5
10
15
20
25
0
50
100
150
200
250
300
350
400
TA = –40°C
TA = +25°C
TA = +85°C
Figure 11. OP1dB vs. Frequency at Maximum Gain, Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com