Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADL5202
Data Sheet
Rev. 0 | Page 18 of 32
CIRCUIT DESCRIPTION
BASIC STRUCTURE
The ADL5202 is a dual, differential, variable gain amplifier,
with each amplifier consisting of a 150 Ω digitally controlled,
passive attenuator that is followed by a highly linear
transconductance amplifier with feedback.
ATTENUATOR
LOGIC
REF
VIN+
VIN–
VOUT+
VOUT–
DIGITAL INPUTS
PARALLEL, SPI,
FAST ATTACK
UP/DOWN
1/2 OF
ADL5202
gm
AMP
Figure 53. Simplified Schematic
Input System
The dc voltage level at the inputs of each amplifier is set by two
independent internal voltage reference circuits to approximately
1.6 V. The references are not accessible and cannot be adjusted.
Each amplifier can be powered down by pulling the correspond-
ing power-up pin down to ground (logic low). When powered
down, the total current of each amplifier reduces to 7 mA
(typical). The dc level at the inputs remains at approximately
1.6 V, regardless of the state of the PWUPA or PWUPB pin.
Output Amplifier
The gain of the output amplifier is set to 22 dB when driving
a 150 Ω load. The input and output resistance of this amplifier
is set to 150 Ω in matched condition. If the load or the source
resistance is different from 150 Ω, the following equations can
be used to determine the resulting gain and input/output
resistances.
Voltage Gain = AV = 0.09 × (2000)//RL
RIN = (2000 + RL)/(1 + 0.09 × RL)
S21 (Gain) = 2 × RIN/(RIN + RS) × AV
ROUT = (2000 + RS)/(1 + 0.09 × RS)
Note that at the maximum attenuation setting, RS, as seen by
the output amplifier, is the output resistance of the attenuator,
which is 150 Ω. However, at minimum attenuation, RS is the
source resistance that is connected to the input of the part.
The dc current to the outputs of each amplifier is supplied through
two external chokes. The inductance of the chokes and the
resistance of the load, in parallel with the output resistance of
the device, add a low frequency pole to the response. The para-
sitic capacitance of the chokes adds to the output capacitance of the
part. This total capacitance, in parallel with the load and output
resistance, sets the high frequency pole of the device. Generally,
the larger the inductance of the choke, the higher its parasitic
capacitance. Therefore, this trade-off must be considered when
the value and type of the choke are selected. For an operation
frequency of 15 MHz to 700 MHz driving a 150 Ω load, 1 μH
chokes with a self resonant frequency (SRF) of 160 MHz or
higher are recommended (such as the 0805LS-102XJBB from
Coilcraft). If higher value chokes are used, a 4 MHz zero, due to
the internal ac-coupled feedback, causes an increase in S21 of up
to 6 dB at frequencies below 4 MHz. The supply current of each
amplifier consists of about 35 mA through the VPOS pin and 50
mA through the two chokes combined. The latter increases with
temperature at approximately 2.5 mA per 10°C. The total choke
current increases to 75 mA for high performance mode. Each
amplifier has two output pins for each polarity, and they are
oriented in an alternating fashion. When designing the board,
care should be taken to minimize the parasitic capacitance due to
the routing that connects the corresponding outputs together.
To minimize the parasitic capacitance, a good practice is to
avoid any ground or power plane under this routing region and
under the chokes.
Gain Control
The gain of each amplifier can be adjusted using the parallel control
interface, the serial peripheral interface, or the gain up/down
interface. In general, the gain step size is 0.5 dB, but larger sizes
can be programmed using the various interfaces, as described in
the Digital Interface Overview section. Each amplifier has a
maximum gain of +20 dB (Code 0) to −11.5 dB (Code 63).
The noise figure of each amplifier is approximately 7.5 dB at
maximum gain setting, and it increases as the gain is reduced.
The increase in noise figure is equal to the reduction in gain.
The linearity of the part measured at the output is first-order
independent of the gain setting. From −4 dB to +20 dB gain,
OIP3 is approximately 50 dBm into 150 Ω load at 200 MHz
(0 dBm per tone). At gain settings below −4 dB, OIP3 drops to
approximately 40 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com