Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADL5202
Rev. 0 | Page 19 of 32
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 54 shows the basic connections for operating the ADL5202.
A voltage between 4.5 V and 5.5 V should be applied to the VPOS
pins. Each supply pin should be decoupled with at least one low
inductance, surface-mount ceramic capacitor of 0.1 μF, placed
as close as possible to the device.
The outputs of the ADL5202 must be pulled up to the positive
supply with 1 μH RF chokes. The differential outputs are biased
to the positive supply and require ac coupling capacitors, pref-
erably 0.1 μF. Similarly, the input pins are at bias voltages of
about 1.6 V above ground and should be ac-coupled as well.
The ac coupling capacitors and the RF chokes are the principle
limitations for operation at low frequencies.
The digital pins (mode control pins, associated SPI and parallel
gain control pins, PM, PWUPA, and PWUPB) operate on a voltage
of 3.3 V.
To enable each channel of the ADL5202, the PWUPA or PWUPB
pin must be pulled high (1.4 V≤ PWUPA/PWUPB ≤ 3.3 V).
Taking PWUPA or PWUPB low puts the channels of the ADL5202
in sleep mode, reducing current consumption to approximately
7 mA per channel at ambient.
ADC DRIVING
The ADL5202 is a highly linear, variable gain amplifier that
is optimized for ADC interfacing. The output IMDs and noise
floor remain constant throughout the 31.5 dB gain range.
This is a valuable feature in a variable gain receiver where it is
desirable to maintain a constant instantaneous dynamic range
as the receiver range is modified. The output noise is 18 nV/√Hz,
which is compatible with 14- or 16-bit ADCs. The two-tone
IMDs are usually greater than −100 dB for −1 dBm into 150 Ω
or 2 V p-p output. The 150 Ω output impedance makes the task
of designing a filter for the high input impedance ADCs more
straightforward.
0.1µF
3.3V
0.1µF
AC
2
RS
RS
2
BALANCED
SOURCE
0.1µF
0.1µF
AC
2
RS
RS
2
BALANCED
SOURCE
CHANNEL A
GAIN CONTROL INTERFACE
CHANNEL B
GAIN CONTROL INTERFACE
GAIN MODE
INTERFACE
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VPOS
1µH
1µH
1
2
A4
3
A5
4
MODE1
5
MODE0
6
PM
7
GND
8
SIDO/B5
9
SCLK/B4
10
23
VPOS
24
VPOS
25
VPOS
26
VPOS
27
VPOS
28
VPOS
29
30
22
21
CSA/A3
GS1/CSB/
B3
ADL5202
EXPOSED
PADDLE
VOUTB–
VOUTB+
VOUTA+
VOUTA–
0.1µF
0.1µF
RL
0.1µF
0.1µF
RL
BALANCED
LOAD
0.1µF
VPOS
VPOS
1µH
1µH
BALANCED
LOAD
3.3V
3.3V
Figure 54. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com