Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADL5202
Data Sheet
Rev. 0 | Page 14 of 32
–60
–50
–40
–30
–20
–10
0
10M
100M
1G
FREQUENCY (Hz)
Figure 42. Reverse Isolation vs. Frequency
0
0.2
0.4
0.6
0.8
1.0
10
100
1000
FREQUENCY (MHz)
MAX
MID
MIN
Figure 43. Group Delay vs. Frequency at Max, Mid, and Min Gain Outputs
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10203040506070
GAIN CODE
350MHz
300MHz
250MHz
200MHz
150MHz
100MHz
50MHz
Figure 44. Phase Variation vs. Gain Code
–60
–50
–40
–30
–20
–10
0
10
100
1000
FREQUENCY (MHz)
Figure 45. Disable-State Reverse Isolation vs. Frequency
0
10
20
30
40
50
60
10M
100M
1G
FREQUENCY (Hz)
Figure 46. Common-Mode Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com