Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5202ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADL5202
Data Sheet
Rev. 0 | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER-UP INTERFACE
PWUPA, PWUPB pins
Power-Up Threshold
Minimum voltage to enable the device
1.4
V
Maximum voltage to enable the device
3.3
V
PWUPx Input Bias Current
1
μA
GAIN CONTROL INTERFACE
VIH
Minimum/Maximum voltage for a logic high
1.4
3.3
V
VIL
Maximum voltage for a logic low
0.8
Maximum Input Bias Current
1
μA
SPI TIMING
LATCHA and LATCHB, SCLK, SDIO, data pins
fSCLK
1/tSCLK
20
MHz
tDH
Data hold time
5
ns
tDS
Data setup time
5
ns
tPW
SCLK high pulse width
5
ns
POWER INTERFACE
Supply Voltage
4.5
5.5
V
Quiescent Current, Both Channels
High performance mode
210
mA
TA = 85°C
250
mA
Low power mode
160
mA
TA = 85°C
180
mA
Power-Down Current, Both Channels
PWUPx low
14
mA
Timing Diagrams
SCLK
___ ___
CSA, CSB
SDIO
tSCLK
tDS
tDS tDH
tPW
tDH
DNC
DNC
DNC
DNC
DNC
DNC
DNC
R/W
FA1
FA0
D5
D4
D3
D2
D1
D0
Figure 2. SPI Interface Read/Write Mode Timing Diagram
DN
UP
tDS
tDS
tPW
tDS
tDH
UPDN_DAT
UPDN_CLK
RESET
Figure 3. Up/Down Mode Timing Diagram
LATCHA,
LATCHB
A5 TO A0
B5 TO B0
tDH
Figure 4. Parallel Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com