Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADL5202
Rev. 0 | Page 7 of 32
Pin No.
Mnemonic
Description
15
VINB−
Channel B Negative Input.
16
VINB+
Channel B Positive Input.
17
PWUPB
Channel B Power-Up. A logic high (1.4 V ≤ PWUPB ≤ 3.3 V) enables Channel B.
19, 21
VOUTB−
Channel B Negative Output.
20, 22
VOUTB+
Channel B Positive Output.
23, 24, 25,
26, 27, 28
VPOS
Positive Power Supply.
29, 31
VOUTA+
Channel A Positive Output.
30, 32
VOUTA−
Channel A Negative Output.
34
PWUPA
Channel A Power-Up. A logic high (1.4 V ≤ PWUPA ≤ 3.3 V) enables Channel A.
35
VINA+
Channel A Positive Input.
36
VINA−
Channel A Negative Input.
37
LATCHA
Channel A Latch. A logic low (0 V ≤ LATCHA ≤ 0.8 V) allows gain changes on Channel A. A logic high
(1.4 V ≤ LATCHA ≤ 3.3 V) prevents gain changes on Channel A.
38
UPDN_DAT_A/A0
Data Pin for Channel A Up/Down Function (UPDN_DAT_A).
Bit 0 for Channel A Parallel Gain Control Interface (A0).
39
UPDN_CLK_A/A1
Clock Interface for Channel A Up/Down Function (UPDN_CLK_A).
Bit 1 for Channel A Parallel Gain Control Interface (A1).
40
FA_A/A2
Fast Attack (FA_A). In serial mode, a logic high (1.4 V ≤ FA_A ≤ 3.3 V) attenuates Channel A according to
FA setting in the SPI word.
Bit 2 for Channel A Parallel Gain Control Interface (A2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com