Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5202
Data Sheet
Rev. 0 | Page 10 of 32
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
–11.5dB
0dB
10dB
20dB
Figure 18. Harmonic Distortion vs. Frequency at Four Gain Codes
–120
–110
–100
–90
–80
–70
–60
–50
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Harmonic Distortion vs. Frequency, Three Temperatures
0
5
10
15
20
25
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
INPUT
MAX
RATINGS
BOUNDARY
Figure 20. OP1dB vs. Programmed Gain at 140 MHz, Low Power Mode
–120
–110
–100
–90
–80
–70
–60
–50
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
–11.5dB
0dB
10dB
20dB
Figure 21. Harmonic Distortion vs. Power at Four Gains,
Frequency = 140 MHz
–120
–110
–100
–90
–80
–70
–60
–140
–130
–120
–110
–100
–90
–80
–6
–5
–4
–3
–2
–1
0
1234
56
POUT (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 22. Harmonic Distortion vs. Power, Frequency = 140 MHz,
Three Temperatures
FREQUENCY (MHz)
0
5
10
15
20
25
0
50
100
150
200
250
300
350
400
TA = –40°C
TA = +25°C
TA = +85°C
Figure 23. OP1dB vs. Frequency at Maximum Gain, Three Temperatures,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com