Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADL5202
Rev. 0 | Page 17 of 32
TRUTH TABLE
Table 7. Gain Code vs. Voltage Gain Lookup Table
6-Bit Binary
Gain Code
Voltage
Gain (dB)
6-Bit Binary
Gain Code
Voltage
Gain (dB)
000000
20
100000
4
000001
19.5
100001
3.5
000010
19
100010
3
000011
18.5
100011
2.5
000100
18
100100
2
000101
17.5
100101
1.5
000110
17
100110
1
000111
16.5
100111
0.5
001000
16
101000
0
001001
15.5
101001
−0.5
001010
15
101010
−1
001011
14.5
101011
−1.5
001100
14
101100
−2
001101
13.5
101101
−2.5
001110
13
101110
−3
001111
12.5
101111
−3.5
010000
12
110000
−4
010001
11.5
110001
−4.5
010010
11
110010
−5
010011
10.5
110011
−5.5
010100
10
110100
−6
010101
9.5
110101
−6.5
010110
9
110110
−7
010111
8.5
110111
−7.5
011000
8
111000
−8
011001
7.5
111001
−8.5
011010
7
111010
−9
011011
6.5
111011
−9.5
011100
6
111100
−10
011101
5.5
111101
−10.5
011110
5
111110
−11
011111
4.5
111111
−11.5
LOGIC TIMING
To write to the ADL5202, refer to the timing shown in Figure 2
(reproduced in this section as Figure 52). The write mode uses
a 16-bit serial word on the SDIO pin. The R/W of the word must be
low to write Bits[D0:D5], which are the binary weighted codes for
the attenuation level (0 = minimum attenuation, 63 = maximum
attenuation). The FA0 and FA1 bits control the fast attack step size.
The DNC bits are nonfunctional, do not care bits. Reading the
ADL5202 SPI register requires the following two steps:
1.
Set the R/W bit high using a 16-bit word and the timing
described in this section and Figure 52. All other bits are
ignored when the R/W bit is high.
2.
The SDIO is used as an output during the next sequence.
The written pattern is serially clocked out on SDIO using
16 clocks and the timing described in this section and
Figure 52. The R/W bit automatically returns low to the
write state following the read sequence.
SCLK
SDIO
tSCLK
tDS
tDS tDH
tPW
tDH
DNC
DNC
DNC
DNC
DNC
DNC
DNC
R/W
FA1
FA0
D5
D4
D3
D2
D1
D0
___ ___
CSA, CSB
Figure 52. SPI Interface Read/Write Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com