Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5202ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Wide Dynamic Range, High Speed,
Digitally Controlled VGA
Data Sheet
ADL5202
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Dual independent, digitally controlled VGAs
−11.5 dB to +20 dB gain range
0.5 dB
± 0.1 dB step size
150 Ω differential input and output
7.5 dB noise figure at maximum gain
OIP3 > 50 dBm at 200 MHz
−3 dB upper frequency bandwidth of 700 MHz
Multiple control interface options
Parallel 6-bit control interface (with latch)
Serial peripheral interface (SPI) (with fast attack)
Gain up/down mode
Wide input dynamic range
Low power mode option
Power-down control
Single 5 V supply operation
40-lead, 6 mm × 6 mm LFCSP package
APPLICATIONS
Differential ADC drivers
High IF sampling receivers
High output power IF amplification
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
+20dB
GND
VPOS
VINA+
VINA–
0dB TO 31.5dB
150Ω
150Ω
150Ω
150Ω
SIDE A
SPI WITH FA,
PARALLEL WITH LATCH,
UP/DN
SIDE B
SPI WITH FA,
PARALLEL WITH LATCH,
UP/DN
VOUTA+
VOUTA–
ADL5202
PM
MODE0,
MODE1
+20dB
VINB+
VINB–
VOUTB+
VOUTB–
0dB TO 31.5dB
LOGIC
LOGIC
CONTROL
CIRCUITRY
PWUPA
PWUPB
Figure 1.
GENERAL DESCRIPTION
The ADL5202 is a digitally controlled, variable gain, wide band-
width amplifier that provides precise gain control, high output
IP3, and low noise figure. The excellent distortion performance
and high signal bandwidth make the ADL5202 an excellent gain
control device for a variety of receiver applications. The
ADL5202 also incorporates a low power mode option that
lowers the supply current.
For wide input dynamic range applications, the ADL5202
provides a broad 31.5 dB gain range with 0.5 dB resolution. The
gain is adjustable through multiple gain control interface options:
parallel, serial peripheral interface, and up/down.
Incorporating proprietary distortion cancellation techniques,
the ADL5202 achieves a better than 50 dBm output IP3 at
frequencies approaching 200 MHz for most gain settings.
The ADL5202 is powered on by applying the appropriate logic
level to the PWUPx pins. The quiescent current of the ADL5202
is typically 160 mA in low power mode. When configured in high
performance mode for more demanding applications, the quiescent
current is 210 mA. When powered down, the ADL5202 consumes
less than 14 mA and offers excellent input-to-output isolation.
The gain setting is preserved during power-down.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the ADL5202 provides precise gain adjustment capabilities with
good distortion performance and low phase error. The ADL5202
amplifier comes in a compact, thermally enhanced 40-lead,
6 mm × 6 mm LFCSP package and operates over a temperature
range of −40°C to +85°C.


Similar Part No. - ADL5202ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5202ACPZ-R7 AD-ADL5202ACPZ-R7 Datasheet
1Mb / 29P
Wide Dynamic Range, High Speed Digitally Controlled VGA
1/2017-Rev. C to Rev. D
More results

Similar Description - ADL5202ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
WIDE DYNAMIC RANGE MICROCHANNEL PLATES
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
Wide Dynamic Range Image Reject MOPLL
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
Wide Dynamic Range DTMF Receiver
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
Analog Devices
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
Wide Dynamic Range, High Speed, Digitally Controlled VGA
1/15-Rev. B to Rev. C
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
Wide Dynamic Range, High Speed Digitally Controlled VGA
1/2017-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com