Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADL5202
Rev. 0 | Page 21 of 32
An alternative narrow-band approach is presented in Figure 59.
By designing a narrow band-pass antialiasing filter between the
ADL5202 and the target ADC, the output noise of the ADL5202
outside of the intended Nyquist zone can be attenuated, helping
to preserve the available SNR of the ADC. In general, the SNR
improves by several decibels (dB) when including a reasonable
order antialiasing filter. In this example, a low loss 1:3 input
transformer is used to match the 150 Ω balanced input of the
ADL5202 to a 50 Ω unbalanced source, resulting in minimum
insertion loss at the input.
Figure 59 is optimized for driving some of the Analog Devices
popular unbuffered ADCs, such as the AD9246, AD9640,
and AD6655. Table 8 includes antialiasing filter component
recommendations for popular IF sampling center frequencies.
Inductor L5 works in parallel with the on-chip ADC input
capacitance and a portion of the capacitance presented by C4 to
form a resonant tank circuit. The resonant tank helps to ensure
that the ADC input acts like a real resistance at the target center
frequency.
In addition, the L6 inductor shorts the ADC inputs at dc, which
introduces a zero into the transfer function. The ac coupling
capacitors and the bias chokes introduce additional zeros into the
transfer function. The final overall frequency response takes on
a band-pass characteristic, helping to reject noise outside of the
intended Nyquist zone. Table 8 provides initial suggestions for
prototyping purposes. Some empirical optimization may be
needed to help compensate for actual PCB parasitics.
LAYOUT CONSIDERATIONS
Each amplifier has two output pins for each polarity, and they
are oriented in an alternating fashion. When designing the board,
care should be taken to minimize the parasitic capacitance due
to the routing that connects the corresponding outputs together.
A good practice is to avoid any ground or power plane under
this routing region and under the chokes to minimize the
parasitic capacitance.
L6
50Ω
AC
1:3
75Ω
75Ω
1µH
5V
1µH
5V
CML
C4
4pF
5V
1nF
1nF
1nF
L1
L3
L5
L1
L3
L5
1nF
DIGITAL
INTERFACE
1/2
ADL5202
C2
4pF
AD9246
AD9640
AD6655
Figure 59. Narrow-Band IF Sampling Solution for Unbuffered ADC Applications
Table 8. Interface Filter Recommendations for Various IF Sampling Frequencies
Center Frequency
1 dB Bandwidth
L1
C2
L3
C4
L5
L6
96 MHz
27 MHz
68 nH
15 pF
220 nH
15 pF
68 nH
150 nH
140 MHz
31 MHz
47 nH
11 pF
150 nH
11 pF
47 nH
82 nH
170 MHz
25 MHz
39 nH
10 pF
120 nH
10 pF
47 nH
51 nH
211 MHz
40 MHz
30 nH
7 pF
100 nH
7.5 pF
30 nH
43 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com