Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 27Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 28Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 29Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 30Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 31Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 32Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 33Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 34Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 31 of 64
Holdover
The AD9518 PLL has a holdover function, which is implemented
by putting the charge pump into a state of high impedance. This
is useful when the PLL reference clock is lost. Holdover mode
allows the VCO to maintain a relatively constant frequency
even though there is no reference clock. Without this function,
the charge pump is placed into a constant pump-up or pump-
down state, resulting in a massive VCO frequency shift. Because
the charge pump is placed in a high impedance state, any
leakage that occurs at the charge pump output or the VCO
tuning node causes a drift of the VCO frequency. This can be
mitigated by using a loop filter that contains a large capacitive
component because this drift is limited by the current leakage
induced slew rate (ILEAK/C) of the VCO control voltage. For
most applications, the frequency accuracy is sufficient for 3 sec
to 5 sec.
Both a manual holdover, using the SYNC pin, and an automatic
holdover mode are provided. To use either function, the
holdover function must be enabled (Register 0x01D[0] and
Register 0x01D[2]).
Note that the VCO cannot be calibrated with the holdover
enabled because the holdover resets the N divider during
calibration, which prevents proper calibration. Disable holdover
before issuing a VCO calibration.
Manual Holdover Mode
A manual holdover mode can be enabled that allows the user to
place the charge pump into a high impedance state when the
SYNC pin is asserted low. This operation is edge sensitive, not
level sensitive. The charge pump enters a high impedance state
immediately. To take the charge pump out of a high impedance
state, take the SYNC pin high. The charge pump then leaves
high impedance state synchronously with the next PFD rising
edge from the reference clock. This prevents extraneous charge
pump events from occurring during the time between SYNC
going high and the next PFD event. This also means that the
charge pump stays in a high impedance state as long as there is
no reference clock present.
The B-counter (in the N divider) is reset synchronously with
the charge pump leaving the high impedance state on the
reference path PFD event. This helps align the edges out of the
R and N dividers for faster settling of the PLL. Because the
prescaler is not reset, this feature works best when the B and R
numbers are close because this results in a smaller phase
difference for the loop to settle out.
When using this mode, set the channel dividers to ignore the
SYNC pin (at least after an initial SYNC event). If the dividers
are not set to ignore the SYNC pin, the distribution outputs turn
off each time SYNC is taken low to put the part into holdover.
Automatic/Internal Holdover Mode
When enabled, this function automatically puts the charge pump
into a high impedance state when the loop loses lock. The
assumption is that the only reason the loop loses lock is due to
the PLL losing the reference clock; therefore, the holdover function
puts the charge pump into a high impedance state to maintain
the VCO frequency as close as possible to the original frequency
before the reference clock disappears. See Figure 38 for a flow chart
of the automatic/internal holdover function operation.
NO
NO
NO
NO
YES
YES
YES
YES
YES
PLL ENABLED
DLD == LOW
WAS
LD PIN == HIGH
WHEN DLD WENT
LOW?
HIGH IMPEDANCE
CHARGE PUMP
REFERENCE
EDGE AT PFD?
RELEASE
CHARGE PUMP
HIGH IMPEDANCE
DLD == HIGH
LOOP OUT OF LOCK. DIGITAL LOCK
DETECT SIGNAL GOES LOW WHEN THE
LOOP LEAVES LOCK AS DETERMINED
BY THE PHASE DIFFERENCE AT THE
INPUT OF THE PFD.
CHARGE PUMP IS MADE
HIGH IMPEDANCE.
PLL COUNTERS CONTINUE
OPERATING NORMALLY.
CHARGE PUMP REMAINS HIGH
IMPEDANCE UNTIL THE REFERENCE
HAS RETURNED.
TAKE CHARGE PUMP OUT OF
HIGH IMPEDANCE. PLL CAN
NOW RESETTLE.
WAIT FOR DLD TO GO HIGH. THIS TAKES
5 TO 255 CYCLES (PROGRAMMING OF
THE DLD DELAY COUNTER) WITH THE
REFERENCE AND FEEDBACK CLOCKS
INSIDE THE LOCK WINDOW AT THE PFD.
THIS ENSURES THAT THE HOLDOVER
FUNCTION WAITS FOR THE PLL TO SETTLE
AND LOCK BEFORE THE HOLDOVER
FUNCTION CAN BE RETRIGGERED.
YES
ANALOG LOCK DETECT PIN INDICATES
LOCK WAS PREVIOUSLY ACHIEVED.
(0x01D[3] = 1: USE LD PIN VOLTAGE
WITH HOLDOVER.
0x01D[3] = 0: IGNORE LD PIN VOLTAGE,
TREAT LD PIN AS ALWAYS HIGH.)
Figure 38. Flow Chart of Automatic/Internal Holdover Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com