Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 7Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 8Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 9Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 10Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 11Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 12Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 13Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 14Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 11 of 64
LD, STATUS, AND REFMON PINS
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
When selected as a digital output (CMOS); there are other
modes in which these pins are not CMOS digital outputs;
see Table 44, Register 0x017, Register 0x01A, and
Register 0x01B
Output Voltage High (VOH)
2.7
V
Output Voltage Low (VOL)
0.4
V
MAXIMUM TOGGLE RATE
100
MHz
Applies when mux is set to any divider or counter output,
or PFD up/down pulse; also applies in analog lock detect
mode; usually debug mode only; beware that spurs may
couple to output when any of these pins are toggling
ANALOG LOCK DETECT
Capacitance
3
pF
On-chip capacitance; used to calculate RC time constant
for analog lock detect readback; use a pull-up resistor
REF1, REF2, AND VCO FREQUENCY STATUS MONITOR
Normal Range
1.02
MHz
Frequency above which the monitor always indicates the
presence of the reference
Extended Range (REF1 and REF2 Only)
8
kHz
Frequency above which the monitor always indicates the
presence of the reference
LD PIN COMPARATOR
Trip Point
1.6
V
Hysteresis
260
mV
POWER DISSIPATION
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION, CHIP
Power-On Default
0.76
1.0
W
No clock; no programming; default register values;
does not include power dissipated in external resistors
Full Operation
1.1
1.7
W
PLL on; internal VCO = 2335 MHz; VCO divider = 2;
all channel dividers on; six LVPECL outputs at 584 MHz;
does not include power dissipated in external resistors
PD Power-Down
75
185
mW
PD pin pulled low; does not include power dissipated
in terminations
PD Power-Down, Maximum Sleep
31
mW
PD pin pulled low; PLL power-down, Register 0x010[1:0] =
01b; SYNC power-down, Register 0x230[2] = 1b; REF for
distribution power-down, Register 0x230[1] = 1b
VCP Supply
4
4.8
mW
PLL operating; typical closed-loop configuration
POWER DELTAS, INDIVIDUAL FUNCTIONS
Power delta when a function is enabled/disabled
VCO Divider
30
mW
VCO divider bypassed
REFIN (Differential)
20
mW
All references off to differential reference enabled
REF1, REF2 (Single-Ended)
4
mW
All references off to REF1 or REF2 enabled; differential
reference not enabled
VCO
70
mW
CLK input selected to VCO selected
PLL
75
mW
PLL off to PLL on, normal operation; no reference
enabled
Channel Divider
30
mW
Divider bypassed to divide-by-2 to divide-by-32
LVPECL Channel (Divider Plus Output Driver)
160
mW
No LVPECL output on to one LVPECL output on,
independent of frequency
LVPECL Driver
90
mW
Second LVPECL output turned on, same channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com